Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6789 Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM6789
Description  SBC Solid-State Recorder IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6789 Datasheet(HTML) 2 Page - OKI electronic componets

  MSM6789 Datasheet HTML 1Page - OKI electronic componets MSM6789 Datasheet HTML 2Page - OKI electronic componets MSM6789 Datasheet HTML 3Page - OKI electronic componets MSM6789 Datasheet HTML 4Page - OKI electronic componets MSM6789 Datasheet HTML 5Page - OKI electronic componets MSM6789 Datasheet HTML 6Page - OKI electronic componets MSM6789 Datasheet HTML 7Page - OKI electronic componets MSM6789 Datasheet HTML 8Page - OKI electronic componets MSM6789 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
MSM6789A/6789L
¡ Semiconductor
• Difference between MSM6789A and MSM6789L
*
Use ARAM which has no failed bits in its first 64 Kbits.
Parameter
Operating voltage
External memory
3.0 to 3.6 V
16 Mbits (max.)
4 Mbits (MSM66V84B)
MSM6789L
MSM6789A
4.5 to 5.5 V
General-purpose DRAM, 32 Mbits (max.)
4 Mbits (MSM6684B)
8 Mbits (MSM6685)
Serial register, 32 Mbits (max.)
1-Mbit DRAM (MSM514256B, MSM511000B)
4-Mbit DRAM (MSM514400C, MSM514100C)
16-Mbit DRAM (MSM511740CA, MSM5116100A)
ARAM*, 32 Mbits (max.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com