Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6789 Datasheet(PDF) 18 Page - OKI electronic componets

Part # MSM6789
Description  SBC Solid-State Recorder IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6789 Datasheet(HTML) 18 Page - OKI electronic componets

Back Button MSM6789 Datasheet HTML 14Page - OKI electronic componets MSM6789 Datasheet HTML 15Page - OKI electronic componets MSM6789 Datasheet HTML 16Page - OKI electronic componets MSM6789 Datasheet HTML 17Page - OKI electronic componets MSM6789 Datasheet HTML 18Page - OKI electronic componets MSM6789 Datasheet HTML 19Page - OKI electronic componets MSM6789 Datasheet HTML 20Page - OKI electronic componets MSM6789 Datasheet HTML 21Page - OKI electronic componets MSM6789 Datasheet HTML 22Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 53 page
background image
MSM6789A/6789L
¡ Semiconductor
PIN DESCRIPTIONS (for MSM6789L (3.3 V Version)) (Continued)
Symbol
Type
Description
BRO
BR1
I
Bit Rate Selection. This pin selects one of the following three types of bit rate (master
clock frequency fOSC = 8.192 MHz). This pin is invalid during the ROM playback operation.
PDMD*1
I
Transition to the Power-down State.
VD0-VD3
I
These pins set the voice detect level for the voice triggered starting and unvoiced-part
elimination.
This pin selects the voice triggered starting or the unvoiced-part elimination.
VDS
I
BR1
BR0
Bit rate
L
L
16.0 kbps
L
H
H
H
L
H
12.6 kbps
10.0 kbps
Unused
Low level: The MSM6789L automatically goes to the power-down state, except
when the record/playback operation is performed.
High level: The MSM6789L automatically goes to the standby state, instead of the
power-down state, except when the record/playback operation
is performed. In this case, the MSM6789L can be placed in the
power-down state by setting the RESET or PDWN pin to a high level.
If an external circuit is used for the built-in LPF, this standby mode
must be selected by applying a high level to the PDMD pin.
This pin outputs a high level while the record/playback operation is being performed.
Output to indicate the enable or disable state of the operation for specifying a
phrase. When continuous ROM playback is performed, the next phrase can
be specified after the NAR pin goes to high positively.
MON
O
NAR
O
Pin
35
36
33
67-70
38
72
71
Voice triggered starting:
Note: When neither the voice triggered starting nor the unvoiced-part elimination is
used, input a Low level to VD0 to VD3.
Input a High level to the VDS pin. Then set the voice
detect level with VD0 to VD3 pins.
Unvoiced-part elimination:Input a Low level to the VDS pin. Then set the voice
detect level with VD0 to VD3 pins.
*1 When DRAM is selected, be sure to set the PDMD pin to a High level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com