Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6789 Datasheet(PDF) 12 Page - OKI electronic componets

Part # MSM6789
Description  SBC Solid-State Recorder IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6789 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button MSM6789 Datasheet HTML 8Page - OKI electronic componets MSM6789 Datasheet HTML 9Page - OKI electronic componets MSM6789 Datasheet HTML 10Page - OKI electronic componets MSM6789 Datasheet HTML 11Page - OKI electronic componets MSM6789 Datasheet HTML 12Page - OKI electronic componets MSM6789 Datasheet HTML 13Page - OKI electronic componets MSM6789 Datasheet HTML 14Page - OKI electronic componets MSM6789 Datasheet HTML 15Page - OKI electronic componets MSM6789 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
MSM6789A/6789L
¡ Semiconductor
Parameter
Symbol
Condition
DA output relative error
ΩVDAEΩ
no load
FIN admissible input voltage range
V FIN
—
Min.
—
1
Typ.
—
—
Unit
mV
V
Max.
10
VDD–1
FIN input impedance
R FIN
1
—
M
W
—
Op-map open loop gain
G OP
40
—
dB
—
Op-amp input impedance
R INA
1
—
M
W
—
Op-amp load resistance
R OUTA
200
—
k
W
—
AOUT load resistance
R AOUT
50
—
k
W
—
FOUT load resistance
R FOUT
50
—
k
W
—
—
fIN=0 to 4kHz
—
—
—
—
DVDD=AVDD=4.5 to 5.5 V
DGND=AGND=0 V Ta=0 to 70°C
Analog Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com