Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS98O02B-PCE Datasheet(PDF) 32 Page - Fortune Semiconductor Corp.

Part # FS98O02B-PCE
Description  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O02B-PCE Datasheet(HTML) 32 Page - Fortune Semiconductor Corp.

Back Button FS98O02B-PCE Datasheet HTML 28Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 29Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 30Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 31Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 32Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 33Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 34Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 35Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 36Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
FS98O02
Rev.1.5
32/50
SOP1P[1:0]
AD1
AD2
LVDH
AGND
OP1
OP1O
+
_
OP1EN
S_CH1CK[1:0]
OP1P
ADC
ADO[23:0]
ADRST
ADEN
ADG[1:0]
VRH
VRL
INH
INL
AZ
FTC
FTB
100K
ADM[2:0]
SFT[0]
FTB
FTIN
INH
SVRH[0]
VRH
AD4
VRRH
SOP1N[0]
OP1O
AD0 OP1N
SINH[1:0]
OP1O
OP1P
FTIN
AD2
AD3
SINL [1:0]
AD3
AD 2
AD 3
LVDL
INL
SVRL[1:0]
AGND
AD3
VRL
AD3
LVDH
VDD
SLVD
20k
5k
20k
LVDL
VDDA
VRRH
SVR
38.5k
2.75 k
38.5k
AD3
8.25 k
AD2
Figure 16-3: The FS98O02C ADC Input Multiplexer and Low Pass Filter
ADC Operation
2.
Get the VGG (2 times VDDP / 3V or external Power Supply).
3.
Get the VDDA (3.6V / 2.5V)
4.
Enable the Analog Bias Circuit
5.
Set SINH[2:0] and SFTA[2:0] to decide the ADC positive input port signal.(Table 16-6, Table 16-7
and Table 16-8)
Table 16-6: FTIN Selection table
SINH[1:0]
FTIN
00
OP1O
01
OP1P
10
AD2
11
AD3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com