Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS98O02B-PCE Datasheet(PDF) 49 Page - Fortune Semiconductor Corp.

Part # FS98O02B-PCE
Description  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O02B-PCE Datasheet(HTML) 49 Page - Fortune Semiconductor Corp.

Back Button FS98O02B-PCE Datasheet HTML 42Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 43Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 44Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 45Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 46Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 47Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 48Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 49Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 50Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
FS98O02
Rev.1.5
49/50
SUBWFC
Subtract W and Carry from f
Syntax
SUBWFC f, d
0
≤ f ≤ FFh
d
∈ [0,1]
Operation
[Destination]
← [f] – [W] –C
‧
Flag Affected
C, DC, Z
Description
Subtract the content of the W
register from [f]. If d is 0, the
result is stored in the W
register. If d is 1, the result is
stored back in [f].
Cycle
1
Example 1:
SUBWFC
OPERAND, 1
Before instruction:
OPERAND = 33h, W =
01h
C = 1
After instruction:
OPERAND = 32h, C = 1, Z
= 0
Example 2:
SUBWFC
OPERAND, 1
Before instruction:
OPERAND = 02h, W =
01h
C = 0
After instruction:
OPERAND = 00h, C = 1, Z
= 1
Example 3:
SUBWFC
OPERAND, 1
Before instruction:
OPERAND = 04h, W =
05h
C = 0
After instruction:
OPERAND = FEh, C = 0, Z =
0
XORLW
Exclusive OR literal with W
Syntax
XORLW
k
0
≤ k ≤ FFh
Operation
[W]
← [W] XOR k
Flag Affected
Z
Description
Exclusive OR the content of
the W register and the
eight-bit literal "k". The result
is stored in the W register.
Cycle
1
Example:
XORLW
5Fh
Before instruction:
W = ACh
After instruction:
W = F3h
XORWF
Exclusive OR W and f
Syntax
XORWF
f, d
0
≤ f ≤ FFh
d
∈ [0,1]
Operation
[Destination]
← [W] XOR [f]
Flag Affected
Z
Description
Exclusive OR the content of
the W register and [f]. If d is
0, the result is stored in the
W register. If d is 1, the
result is stored back in [f].
Cycle
1
Example:
XORWF
OPERAND, 1
Before instruction:
OPERAND = 5Fh, W =
ACh
After instruction:
OPERAND = F3h
TBLP
Exclusive Programmer EPROM
Syntax
TBLP
k
k = 32 , that is const
Operation
[EADRH,EADRL]
←EDAH,WORK
Flag Affected
None
Description
Exclusive Programmer EPROM.
EPROM Address is in EADRH
and EADRL.
Programmer Data is in EDAH and
WORK.
Cycle
(k*2)+1
Example:
TBLP
k
k is const
For FS98O01 Chip , k = 32
MOVP
Exclusive Read EPROM Data
Syntax
MOVP
k
k is increment EPROM Address
value.
Operation
[EADRH,EADRL] EDAH,WORK
Flag Affected
None
Description
Exclusive Read EPROM data.
EPROM Address is in EADRH
and EADRL. MSB and LSB
After MOVP Data Put in EDAH
and WORK. MSB and LSB
Cycle
2
Example:
MOVP
k
After instruction:
EPROM Data put in EDAH
(MSB) and WORK (LSB)
EPROM Address increment k
(EADRH,EADRL)+k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com