Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS98O02B-PCE Datasheet(PDF) 39 Page - Fortune Semiconductor Corp.

Part # FS98O02B-PCE
Description  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O02B-PCE Datasheet(HTML) 39 Page - Fortune Semiconductor Corp.

Back Button FS98O02B-PCE Datasheet HTML 35Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 36Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 37Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 38Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 39Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 40Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 41Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 42Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 43Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
FS98O02
Rev.1.5
39/50
(about 0 ~ 0.3V), the CPU will go into external reset status. The external R/C circuit for reset is shown as
following. When VDD changes from “low” to “high”, the CPU external reset status will be released, and the CPU
will be in normal operating condition.
The signal from the “VPP/RST/TST” pin to CPU should remain in logic “low” state for more than 2μs to
reset the CPU. If the signal from the “VPP/RST/TST” pin to CPU is in “low” state less than 2μs, the CPU will not
be reset. Figure 19-2 shows the minimum reset period to reset the CPU.
Figure 19-1: the Reset Circuit and the Reset Timing
Figure 19-2: the Minimum Reset Period to Reset the CPU
19.2 Low Voltage Reset
To avoiding the CPU in an abnormal power status that makes the CPU unable to reset and causes the
CPU operating abnormally, there’s a low voltage reset circuit embedded in FS98O02. When the voltage of VDD
is less than LVR threshold low voltage, the CPU enters reset state; and when the voltage of VDD comes back
above the LVR threshold high voltage, the CPU will be in normal operating condition.
19.3 Watchdog Time Out Reset
The watchdog timer in FS98O02 is usually used to monitor if the CPU is in normal operation. If the CPU is
not in normal operation, we may use the watchdog timer to raise a watchdog time our reset and make the CPU
to be back in normal operation. The watchdog timer may be used to some period wakeup-and-measuring
applications to save the power for some long time monitoring portable applications.
Table 19-2: Watchdog Time Out Reset Related Registers
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
WDT Reset State
04h
STATUS
TO
---0 0uuu
---u 1uuu
0Eh
TMCON
WDTEN
WTS [1:0]
1000 0000
1u00 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com