Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS98O02B-PCE Datasheet(PDF) 33 Page - Fortune Semiconductor Corp.

Part # FS98O02B-PCE
Description  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O02B-PCE Datasheet(HTML) 33 Page - Fortune Semiconductor Corp.

Back Button FS98O02B-PCE Datasheet HTML 29Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 30Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 31Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 32Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 33Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 34Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 35Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 36Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 37Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
FS98O02
Rev.1.5
33/50
Table 16-7: FTB selection table
SFT[2]
FTB
1
0
ADC Low Pass Filter is disabled
1
ADC Low Pass Filter is enabled
Table 16-8: INH selection table
SFT[0]
INH (ADC positive input port signal)
0
FTB
1
FTIN
6.
Set SINL[1:0] to decide the ADC negative input port signal. (Table 16-9)
Table 16-9: INL selection table
SINL[1:0]
INL for FS98O02A / B
INL for FS98O02C
00
AD2
AD2
01
AD3
AD3
10
VRRL
AD3
11
LVDL
LVDL
7.
Set ADG[1:0] to decide the ADC input gain. (Table 16-10)
Table 16-10: ADG selection table
ADG[1:0]
ADC input gain
00
2/3
01
1
10
2
11
7/3
8.
Set SVRH[1:0] to decide the ADC reference voltage positive input port signal. (Table 16-11)
Table 16-11: VRH selection table
SVRH[1:0]
VRH (ADC reference voltage positive input)
0
AD4
1
VRRH
9.
Set SVRL[1:0] to decide the ADC reference voltage negative input port signal. (Table 16-12)
Table 16-12: VRL selection table
SVRL[1:0]
VRL for FS98O02A / B
VRL for FS98O02C
00
AGND
AGND
01
AD3
AD3
10
VRRL
AD3
11
VRRL
AD3
10.
Set ADIE and GIE register flags to enable the ADC interrupt
11.
Set ADEN register flag, the embedded
Σ-Δ modulator will be enabled.
12.
Set ADRST register flag, the comb filter will be enabled.
13.
When the ADC interrupt happen, read the ADO[23:8] to get the ADC output.(ADO[23:22] are signed bits)
1 The input of ADC Low Pass Filter is FTIN, and the output is FTB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com