Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS501F Datasheet(PDF) 31 Page - Fortune Semiconductor Corp.

Part # FS501F
Description  18-bit ADC with two low noise OPAMPs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS501F Datasheet(HTML) 31 Page - Fortune Semiconductor Corp.

Back Button FS501F Datasheet HTML 23Page - Fortune Semiconductor Corp. FS501F Datasheet HTML 24Page - Fortune Semiconductor Corp. FS501F Datasheet HTML 25Page - Fortune Semiconductor Corp. FS501F Datasheet HTML 26Page - Fortune Semiconductor Corp. FS501F Datasheet HTML 27Page - Fortune Semiconductor Corp. FS501F Datasheet HTML 28Page - Fortune Semiconductor Corp. FS501F Datasheet HTML 29Page - Fortune Semiconductor Corp. FS501F Datasheet HTML 30Page - Fortune Semiconductor Corp. FS501F Datasheet HTML 31Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 31 / 31 page
background image
11. Ordering Information
Product Number
Description
Package Type
FS501F
Die form (44 pins)
FS501F
44-pin LQFP (Not Pb free package)
FS501F-PCD
44-pin LQFP Pb free package part number.
44-pin LQFP (Pb free package)
12. Revision History
Version
Date
Page
Description
3.8
2004/04/16
30
Reformat and correct the contents
Add ordering information.
3.9
2005/08/02
32
Correct 1 low noise OPAMP to two low noise OPAMPs.
Revise ordering information. Add Pb free package part number.
Add Revision History.
4.0
2006/12/21
All
Revise datasheet format
4.1
2014/05/22
2
Revised company address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com