Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS501F Datasheet(PDF) 25 Page - Fortune Semiconductor Corp.

Part # FS501F
Description  18-bit ADC with two low noise OPAMPs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS501F Datasheet(HTML) 25 Page - Fortune Semiconductor Corp.

Back Button FS501F Datasheet HTML 21Page - Fortune Semiconductor Corp. FS501F Datasheet HTML 22Page - Fortune Semiconductor Corp. FS501F Datasheet HTML 23Page - Fortune Semiconductor Corp. FS501F Datasheet HTML 24Page - Fortune Semiconductor Corp. FS501F Datasheet HTML 25Page - Fortune Semiconductor Corp. FS501F Datasheet HTML 26Page - Fortune Semiconductor Corp. FS501F Datasheet HTML 27Page - Fortune Semiconductor Corp. FS501F Datasheet HTML 28Page - Fortune Semiconductor Corp. FS501F Datasheet HTML 29Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
Table 16. TAP Setting of the Comb Digital Filter and the First Zero Frequency [FS=83.3 kHz]
COMB1(TPS1)
COMB2(TPS2)
TPSX<1:0>
TAP(N) First Zero Frequency(Hz) Tap(N) First Zero Frequency(Hz)
11
16384
5
256
325
10
8192
10
128
650
01
4096
20
64
1300
00
2048
40
32
2600
Reading and Calculating of Digital-to-Analog Converter
Due to the manufacture process drift, there is an offset voltage in the FS501 ADC such that an offset
value is existed in the ADC output. In order to eliminate the offset value, FS501 provides three
operation modes, which can be set by CYS <1:0> of control register SETADC. The SUM1 output
and calculation are different in different operation modes, and they are described in the following
subsection.
8.4.1 ADC Output SUM1
Set CYS<1:0>=00, the ADC inputs are short circuited, and we can find the negative offset voltage of
the ADC from SUM1.
Set CYS<1:0>=11, as described by Equation 3 and we can find the equivalent voltage of the input
signal from SUM1.
Set CYS<1:0>=01, and the SUM1 output is the value of an ideal ADC. The transfer function is
Equation 1. This mode is suitable for high resolution measurement.
When CYS<1:0>01, the output rate of SUM1 is the first zero frequency,
1
Z
f
, of COMB1 as
described in Equation 6. When CYS<1:0> =01, the output rate equals
2
1
Z
f
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com