Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS501F Datasheet(PDF) 21 Page - Fortune Semiconductor Corp.

Part # FS501F
Description  18-bit ADC with two low noise OPAMPs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS501F Datasheet(HTML) 21 Page - Fortune Semiconductor Corp.

Back Button FS501F Datasheet HTML 17Page - Fortune Semiconductor Corp. FS501F Datasheet HTML 18Page - Fortune Semiconductor Corp. FS501F Datasheet HTML 19Page - Fortune Semiconductor Corp. FS501F Datasheet HTML 20Page - Fortune Semiconductor Corp. FS501F Datasheet HTML 21Page - Fortune Semiconductor Corp. FS501F Datasheet HTML 22Page - Fortune Semiconductor Corp. FS501F Datasheet HTML 23Page - Fortune Semiconductor Corp. FS501F Datasheet HTML 24Page - Fortune Semiconductor Corp. FS501F Datasheet HTML 25Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Operation of ACBUF is controlled by register ACEN. When ACEN=0, the op amp is turned off and
the output is in high impedance.
The gain of ACBUF is set by control register ACDIV. When ACDIV=0, the gain is 1. When ACDIV=1, the gain of
the op amp is determined by the external resistance.
2) RCTOP Op Amp
RCTOP op amp is enabled by control register RCTEN. When RCTEN=0, the op amp is turned off to save
power.
Ohm Voltage Source
The supplied voltages of the Ohm voltage source are shown in Table 14 and they are directly fed into the
attenuating network. The output of the Ohm voltage source is controlled by SOSR1:0. The value of SOSR1:0
can be directly set by the control register.
When the output of the Ohm voltage source is VDD, the switch resistor in the loop will affect the voltage of the
chip driving terminator. Therefore, the load affects the effective load voltage.
Because of the high gain op amp and negative feedback, outputs other than VDD will not be affected by the
switch resistor. The effect of load in the circuit can be neglected, and the maximum supplied current is around
1.2mA.
Table 14. Control Values of the Ohm Voltage Source
INPUT
OUTPUT
MODE3:0
SOSR1:0
OSRO
1001
00
high impedance
1001
01
AX5
1001
10
Vrfh
1001
11
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com