Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS501F Datasheet(PDF) 24 Page - Fortune Semiconductor Corp.

Part # FS501F
Description  18-bit ADC with two low noise OPAMPs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS501F Datasheet(HTML) 24 Page - Fortune Semiconductor Corp.

Back Button FS501F Datasheet HTML 20Page - Fortune Semiconductor Corp. FS501F Datasheet HTML 21Page - Fortune Semiconductor Corp. FS501F Datasheet HTML 22Page - Fortune Semiconductor Corp. FS501F Datasheet HTML 23Page - Fortune Semiconductor Corp. FS501F Datasheet HTML 24Page - Fortune Semiconductor Corp. FS501F Datasheet HTML 25Page - Fortune Semiconductor Corp. FS501F Datasheet HTML 26Page - Fortune Semiconductor Corp. FS501F Datasheet HTML 27Page - Fortune Semiconductor Corp. FS501F Datasheet HTML 28Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Digital Filter
In Fig. 10, the 1-bit output of the comparator should be fed to the digital low pass filter to do
decimation to find the high resolution multiple-bit digital output. The transfer function of the FS501
digital filter is:
Equation 5
 
H f
N
N f f
f f
S
S


1
2
2
sin
sin
Where N is TAP of the digital filter.
Suppose the sampling rate of the ADC is 166KHz, the TAP of the digital filter is 16600. We can find
the frequency response diagram of the digital filter as shown in Fig. 12. The first zero is at:
Equation 6
f
f
N
Z
S
1
166000 Hz
16600
10 Hz
Fig. 12. The Frequency Response Diagram of FS501 Digital Filter
The zero points fall at multiples of 10Hz. The digital filter will filter out all the signals near the zero points. From
Fig. 12, we can find that the noises at 50Hz and 60Hz are suppressed very well. If the sampling rate is 83KHz
and the TAP of the filter is 16600, the first zero-frequency is at 5Hz.
There are two programmable TAP digital filters in FS970x, and they are COMB1 and COMB2; the outputs are
SUM1 and SUM2 respectively. The TAP of COMB1 is higher than that of COMB2; therefore COMB1 is used for
high resolution measuring, and COMB2 is used for low resolution but high speed measuring.
The TAP’s
of COMB1 and COMB2 are programmable, and can be set by TPS1 and TPS2 respectively; they
are shown in Table 16. The first zero-frequency is computed by taking 83.3 kHz as sampling frequency and
applies Equation 5. At TPS1=TPS2=11, the resolutions of high speed and low speed are 18-bit and 12-bit
respectively. The resolutions for other conditions are according to the actual measuring.
0
20
40
60
80
100
-200
-150
-100
-50
0
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com