Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62/18609-01XE-R Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # V62/18609-01XE-R
Description  200-MHz, CMOS operational amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/18609-01XE-R Datasheet(HTML) 13 Page - Texas Instruments

Back Button V62/18609-01XE-R Datasheet HTML 9Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 10Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 11Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 12Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 13Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 14Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 15Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 16Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
13
OPA2356-EP
www.ti.com
SBOS955 – FEBRUARY 2019
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Operating Voltage
The OPA2356-EP is specified over a power-supply range of 2.7 V to 5.5 V (±1.35 V to ±2.75 V). However, the
supply voltage may range from 2.5 V to 5.5 V (±1.25 V to ±2.75 V). Supply voltages higher than 7.5 V (absolute
maximum) can permanently damage the amplifier.
Parameters that vary significantly over supply voltage or temperature are shown in the Typical Characteristics
section of this data sheet.
7.3.2 Output Drive
The output stage of the OPA2356-EP is capable of driving a standard back-terminated 75-
Ω video cable. A back-
terminated transmission line does not exhibit a capacitive load to its driver. A properly back-terminated 75-
Ω
cable does not appear as capacitance; the cable presents only a 150-
Ω resistive load to the OPA2356-EP
output.
The output stage can supply high short-circuit current (typically over 200 mA). Therefore, an on-chip thermal
shutdown circuit is provided to protect the OPA2356-EP from dangerously high junction temperatures. At 160°C,
the protection circuit shuts down the amplifier. Normal operation resumes when the junction temperature cools to
below 140°C.
NOTE
TI does not recommend running a continuous dc current in excess of ±60 mA. See
Figure 20 in the Typical Characteristics section.
7.4 Device Functional Modes
The OPA2356-EP is powered on when the supply is connected. The device can operate as a single-supply
operational amplifier or dual-supply amplifier depending on the application. The device can also be used with
asymmetrical supplies as long as the differential voltage (V– to V+) is at least 1.8 V and no greater than 5.5 V
(for example, V– is set to –3.5 V and V+ is set to 1.5 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com