Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62/18609-01XE-R Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # V62/18609-01XE-R
Description  200-MHz, CMOS operational amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/18609-01XE-R Datasheet(HTML) 10 Page - Texas Instruments

Back Button V62/18609-01XE-R Datasheet HTML 6Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 7Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 8Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 9Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 10Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 11Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 12Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 13Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Frequency (Hz)
10M
100M
1M
1G
10k
100k
100
10
1
0.1
0.01
0.001
Device
604 Ω
604 Ω
Z
O
Frequency (MHz)
10
100
1
6
5
4
3
2
1
0
V = 5.5 V
S
V = 2.7 V
S
Maximum Output
Voltage Without
Slew-Rate
Induced Distortion
Temperature (°C)
65
85
105
5
25
45
135
125
–55
–35
–15
14
12
10
8
6
4
2
0
V = 5 V
S
V = 3 V
S
V = 5.5 V
S
V = 2.5 V
S
Output Current (mA)
100
50
150
200
250
0
5
4
3
2
1
0
125°C
125°C
25°C
25°C
–55°C
–55°C
Continuous currents above
60 mA are not recommended.
Temperature (ºC)
65
85
105
5
25
45
135
125
-55
-35
-15
10n
1n
100
10
1
Output Current (mA)
60
30
90
120
150
0
3
2
1
0
125ºC
125ºC
25ºC
25ºC
-55ºC
-55ºC
Continuous currents above
60 mA are not recommended.
10
OPA2356-EP
SBOS955 – FEBRUARY 2019
www.ti.com
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = –55°C to 125°C, VS = 5 V, G = 2, RF = 604 Ω, and RL = 150 Ω connected to VS / 2 (unless otherwise noted)
Figure 19. Input Bias Current vs Temperature
VS = 3 V
Figure 20. Output Voltage Swing vs Output Current
Figure 21. Supply Current vs Temperature
VS = 5 V
Figure 22. Output Voltage Swing vs Output Current
Figure 23. Closed-Loop Output Impedance vs Frequency
Figure 24. Maximum Output Voltage vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com