Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62/18609-01XE-R Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # V62/18609-01XE-R
Description  200-MHz, CMOS operational amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/18609-01XE-R Datasheet(HTML) 5 Page - Texas Instruments

  V62/18609-01XE-R Datasheet HTML 1Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 2Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 3Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 4Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 5Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 6Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 7Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 8Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
OPA2356-EP
www.ti.com
SBOS955 – FEBRUARY 2019
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
6.5 Electrical Characteristics
at TA = –55°C to 125°C, RF = 604 Ω, and RL = 150 Ω connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VS = 5 V
±2
±9
mV
TA = –55°C to 125°C
±15
ΔVOS/ΔT
Offset voltage drift over temperature
TA = –55°C to 125°C
±7
µV/°C
PSRR
Offset voltage drift vs power supply
VS = 2.7 V to 5.5 V,
VCM = VS / 2 – 0.15 V
±80
±350
µV/V
INPUT BIAS CURRENT
IB
Input bias current
3
±50
pA
IOS
Input offset current
±1
±50
pA
NOISE
Vn
Input voltage noise density
f = 1 MHz
5.8
nV/
√Hz
In
Current noise density
f = 1 MHz
50
fA/
√Hz
INPUT VOLTAGE RANGE
VCM
Input common-mode voltage range
(V–) – 0.1
(V+) – 1.5
V
CMRR
Input common-mode rejection ratio
VS = 5.5 V, –0.1 V < VCM < 4 V
66
80
dB
TA = –55°C to 125°C
66
INPUT IMPEDANCE
Differential input impedance
1013 || 1.5
Ω || pF
Common-mode input impedance
1013 || 1.5
Ω || pF
OPEN-LOOP GAIN
Open-loop gain
VS = 5 V, 0.4 V < VO < 4.6 V, TA = –55°C
to 125°C
80
dB
FREQUENCY RESPONSE
f–3dB
Small-signal bandwidth
G = 1, VO = 100 mVp-p, RF = 0 Ω
450
MHz
G = 2, VO = 100 mVp-p, RL = 50 Ω
100
G = 2, VO = 100 mVp-p, RL = 150 Ω
170
G = 2, VO = 100 mVp-p, RL = 1 kΩ
200
GBW
Gain-bandwidth product
G = 10, RL = 1 kΩ
200
MHz
f0.1dB
Bandwidth for 0.1-dB gain flatness
G = 2, VO = 100 mVp-p, RF = 560 Ω
75
MHz
SR
Slew rate
VS = 5 V, G = 2, 4-V output step
300
V/µs
–360
Rise and fall times
G = 2, VO = 200 mVp-p, 10% to 90%
2.4
ns
G = 2, VO = 2 Vp-p, 10% to 90%
8
Settling time
0.1%
VS = 5 V, G = 2, 2-V output step
30
ns
0.01%
120
Overload recovery time
VIN × Gain = VS
8
ns
Harmonic distortion
Second
harmonic
G = 2, f = 1 MHz, VO = 2 Vp-p,
RL = 200 Ω
–81
dBc
Third harmonic
–93
Differential gain error
NTSC, RL = 150 Ω
0.02%
Differential phase error
NTSC, RL = 150 Ω
0.05
°
Channel-to-channel crosstalk
f = 5 MHz
–90
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com