Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62/18609-01XE-R Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # V62/18609-01XE-R
Description  200-MHz, CMOS operational amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/18609-01XE-R Datasheet(HTML) 3 Page - Texas Instruments

  V62/18609-01XE-R Datasheet HTML 1Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 2Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 3Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 4Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 5Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 6Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 7Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 8Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
1
2
3
4
8
7
6
5
V+
Out B
-
In B
+In B
Out A
-
In A
+In A
V
-
A
B
3
OPA2356-EP
www.ti.com
SBOS955 – FEBRUARY 2019
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
DGK Package
8-Pin VSSOP
Top View
NOTE: NC means no internal connection.
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
–In A
2
I
Inverting input pin, channel A.
–In B
6
I
Inverting input pin, channel B.
+In A
3
I
Noninverting input pin, channel A.
+In B
5
I
Noninverting input pin, channel B.
Out A
1
O
Output pin, channel A.
Out B
7
O
Output pin, channel B.
V–
4
—
Negative power supply.
V+
8
—
Positive power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com