Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6946 Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSM6946
Description  300 bps Single Chip FSK MODEM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6946 Datasheet(HTML) 3 Page - OKI electronic componets

  MSM6946 Datasheet HTML 1Page - OKI electronic componets MSM6946 Datasheet HTML 2Page - OKI electronic componets MSM6946 Datasheet HTML 3Page - OKI electronic componets MSM6946 Datasheet HTML 4Page - OKI electronic componets MSM6946 Datasheet HTML 5Page - OKI electronic componets MSM6946 Datasheet HTML 6Page - OKI electronic componets MSM6946 Datasheet HTML 7Page - OKI electronic componets MSM6946 Datasheet HTML 8Page - OKI electronic componets MSM6946 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
¡ Semiconductor
MSM6926/6946
3/25
PIN CONFIGURATION (TOP VIEW)
TS2
28
TS1
27
VD
26
AO
25
VA
24
FT
23
M
22
AIN
21
SG1
20
AG
19
SG2
18
CDR2
17
CDR1
16
DG
15
X1 1
X2 2
CLK 3
LT 4
CC 5
CS 6
RS1 7
RS2 8
XD 9
RD 10
CD1 11
CD2 12
RD1 13
RD2 14
44-Pin Plastic QFP
11
10
9
8
7
6
5
4
3
2
1
23
24
25
26
27
28
29
30
31
32
33
AG
SG1
NC
AIN
NC
NC
NC
NC
M
FT
VA
NC
RD
XD
RS2
NC
NC
NC
RS1
CS
CC
NC
28-Pin Plastic DIP
Note:
*: Both No. 17 pin and No. 39 pin are set to be at VA level by setting No. 33 pin at VA
level.
NC: No connect pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com