Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6946 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM6946
Description  300 bps Single Chip FSK MODEM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6946 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM6946 Datasheet HTML 2Page - OKI electronic componets MSM6946 Datasheet HTML 3Page - OKI electronic componets MSM6946 Datasheet HTML 4Page - OKI electronic componets MSM6946 Datasheet HTML 5Page - OKI electronic componets MSM6946 Datasheet HTML 6Page - OKI electronic componets MSM6946 Datasheet HTML 7Page - OKI electronic componets MSM6946 Datasheet HTML 8Page - OKI electronic componets MSM6946 Datasheet HTML 9Page - OKI electronic componets MSM6946 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
¡ Semiconductor
MSM6926/6946
6/25
Input/Output
Name
Pin No.
RS GS-K
I/O
Description
CS
63
O
Clear to send signal output. The digital "High" level indicates the "OFF" state and
digital "Low" indicates the "ON" state. This output goes "Low" at the end of a delay
(RS/CS delay) initiated when RS1 (Request to send) goes "Low".
Request to send signal input. The digital "High" level indicates the "OFF" state.
The digital "Low" level indicates the "ON" state and instructs the modem to enter
the transmit mode. This input must remain "Low" for the duration of data
transmission. "High" turns the transmitter off.
RS1
74I
This is digital data to be modulated and transmitted via AO. Digital "High" will be
transmitted as "Mark". Digital "Low" will be transmitted as "Space". No signal
appears at AO unless RS1 is "Low".
XD
99I
Digital data demodulated from AIN is serially available at this output. Digital
"High" indicates "Mark" and digital "Low" indicates "Space". For example, under
the following condition, this output is forced to be "Mark" state because the data
may be invalid.
• When CD2 (Carrier detect) is in the "OFF" state.
RD
10
10
O
The SG1 and ST2 are built-in analog signal grounds. SG2 is used only for
Carrier detect function. The DC voltage of SG1 is approximately 6 V, so the
analog line interface must be implemented by AC coupling. See Fig. 9. To make
impedance lower and ensure the device performance, it is necessary to put
bypass capacitors on SG1 and SG2 in close physical proximity to the device.
SG2
18
22
O
SG1
20
24
O
This is the input for the analog signal from the phone line. The modem extracts
the information in this modulated carrier and converts it into a serial data stream
for presentation at RD output.
AIN
21
26
I
This analog output is the modulated carrier to be conditioned and sent over the
phone line.
AO
25
34
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com