Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6946 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM6946
Description  300 bps Single Chip FSK MODEM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6946 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM6946 Datasheet HTML 1Page - OKI electronic componets MSM6946 Datasheet HTML 2Page - OKI electronic componets MSM6946 Datasheet HTML 3Page - OKI electronic componets MSM6946 Datasheet HTML 4Page - OKI electronic componets MSM6946 Datasheet HTML 5Page - OKI electronic componets MSM6946 Datasheet HTML 6Page - OKI electronic componets MSM6946 Datasheet HTML 7Page - OKI electronic componets MSM6946 Datasheet HTML 8Page - OKI electronic componets MSM6946 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
¡ Semiconductor
MSM6926/6946
1/25
¡ Semiconductor
MSM6926/6946
300 bps Single Chip FSK MODEM
GENERAL DESCRIPTION
The MSM6926 and the MSM6946 are OKI's 300 bps single chip modem series which transmit and
receive serial, binary data over a switched telephone network using frequency shift keying (FSK).
The MSM6926 is compatible with ITU-T V.21 series data sets, while the MSM6946 is compatible
with Bell 103 series data sets.
These devices provide all the necessary modulation, demodulation, and filtering required to
implement a serial, asynchronous communication link.
OKI's single chip modem series is designed for users who are not telecommunication experts and
are easy to use cost effective alternative to standard discrete modem design.
CMOS LSI technology provides the advantages of small size, low power, and increased
reliability.
The design of the integrated circuit assures compatibility with a broad base of installed low speed
modems and acoustic couplers. Applications include interactive terminals, desk top computers,
point of sale equipment, and credit verification systems.
FEATURES
• Compatible with ITU-T V.21 (MSM6926)
• Compatible with BELL 103 (MSM6946)
• CMOS silicon gate process
• Switched capacitor and advanced CMOS analog technology
• Data rate from 0 to 300 bps
• Full duplex (2-Wire)
• Originate and Answer modes
• Selectable built-in timers and external delay timers possible
• All filtering, modulation, demodulation, and DTE interface on chip
• TTL compatible digital interface
• Low power dissipation: 90 mW Typ.
• Package options:
28-pin plastic DIP
(DIP28-P-600-2.54)
(Product name: MSM6926RS)
(Product name: MSM6946RS)
44-pin plastic QFP
(QFP44-P-910-0.80-K)
(Product name: MSM6926GS-K)
(Product name: MSM6946GS-K)
(QFP44-P-910-0.80-2K)
(Product name: MSM6926GS-2K)
(Product name: MSM6946GS-2K)
E2A0009-16-X1
This version: Jan. 1998
Previous version: Nov. 1996


Similar Part No. - MSM6946

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6947 OKI-MSM6947 Datasheet
222Kb / 31P
1200 bps Single Chip FSK MODEM
MSM6947GS-K OKI-MSM6947GS-K Datasheet
222Kb / 31P
1200 bps Single Chip FSK MODEM
MSM6947RS OKI-MSM6947RS Datasheet
222Kb / 31P
1200 bps Single Chip FSK MODEM
MSM6948 OKI-MSM6948 Datasheet
117Kb / 13P
1200 bps Single Chip MSK Modem
MSM6948V OKI-MSM6948V Datasheet
117Kb / 13P
1200 bps Single Chip MSK Modem
More results

Similar Description - MSM6946

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6882-3 OKI-MSM6882-3 Datasheet
119Kb / 15P
2400/1200 bps Single Chip MSK Modem
MSM6927 OKI-MSM6927 Datasheet
222Kb / 31P
1200 bps Single Chip FSK MODEM
MSM6948 OKI-MSM6948 Datasheet
117Kb / 13P
1200 bps Single Chip MSK Modem
MSM7510 OKI-MSM7510 Datasheet
114Kb / 12P
300 bps Full Duplex FSK Modem - ITU-T V.21
logo
STMicroelectronics
TS7515 STMICROELECTRONICS-TS7515 Datasheet
932Kb / 14P
SINGLE CHIP DPSK AND FSK MODEM
Jun-1995
logo
Epson Company
STC9492C EPSON-STC9492C Datasheet
615Kb / 12P
CMOS 1,200 bps PSK SINGLE CHIP MODEM
logo
Motorola, Inc
MC145442B MOTOROLA-MC145442B Datasheet
113Kb / 12P
SINGLE-CHIP 300-BAUD MODEM
MC145442 MOTOROLA-MC145442 Datasheet
227Kb / 12P
SINGLE-CHIP 300-BAUD MODEM
logo
LANSDALE Semiconductor ...
ML145442 LANSDALE-ML145442 Datasheet
800Kb / 11P
Single-Chip 300-Baud Modem
logo
Motorola, Inc
MC145444 MOTOROLA-MC145444 Datasheet
165Kb / 12P
Single-Chip 300-Baud Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com