Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6946 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM6946
Description  300 bps Single Chip FSK MODEM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6946 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM6946 Datasheet HTML 1Page - OKI electronic componets MSM6946 Datasheet HTML 2Page - OKI electronic componets MSM6946 Datasheet HTML 3Page - OKI electronic componets MSM6946 Datasheet HTML 4Page - OKI electronic componets MSM6946 Datasheet HTML 5Page - OKI electronic componets MSM6946 Datasheet HTML 6Page - OKI electronic componets MSM6946 Datasheet HTML 7Page - OKI electronic componets MSM6946 Datasheet HTML 8Page - OKI electronic componets MSM6946 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
¡ Semiconductor
MSM6926/6946
4/25
PIN DESCRIPTIONS
Power
DG
15
19
—
Ground reference of VD (digital ground)
AG
19
23
—
Ground reference of VA (digital ground)
VA
24
33
—
Supply voltage (+12 V nominal)
VD
26
35
—
Supply voltage (+5 V nominal)
Name
Pin No.
RS GS-K
I/O
Description
Clocks
X1
141
Master clock timing is provided by either a series resonant crystal (3.579545 MHz
±0.01%) connected across X1 and X2, or by an external TTL/CMOS clock driving
X2 with AC coupling. In this latter case, X1 is left unconnected.
See Fig. 10.
X2
2
42
—
CLK
343
O
873.9 Hz clock output. This clock is used to implement external delay circuits etc.
Name
Pin No.
RS GS-K
I/O
Description
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com