Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA477 Datasheet(PDF) 4 Page - Major-Power Technology Co., LTD.

Part # MA477
Description  Single Phase Hall Effect Fan Drive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA477 Datasheet(HTML) 4 Page - Major-Power Technology Co., LTD.

  MA477 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA477 Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA477 Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA477 Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA477 Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA477 Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA477 Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA477 Datasheet HTML 8Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4/8
MA477
Major Power Technology Co., Ltd.
Rev. 1.3
May.16, 2016
Driver output vs. magnetic pole
Characteristics
Test Conditions
DO
DOB
North pole
B < Brp
High
Low
South pole
B > Bop
Low
High
Note: The magnetic pole is applied facing the branded side of the package
APPLICATION CIRCUIT
1. Circuit 1
NOTE
1.
D1 is reversed protection diode,
2.
C1 : ECA >=2.2uF, MLCC>=10uF
2. Circuit 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com