Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA477 Datasheet(PDF) 1 Page - Major-Power Technology Co., LTD.

Part # MA477
Description  Single Phase Hall Effect Fan Drive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA477 Datasheet(HTML) 1 Page - Major-Power Technology Co., LTD.

  MA477 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA477 Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA477 Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA477 Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA477 Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA477 Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA477 Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA477 Datasheet HTML 8Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
MA477
Major Power Technology Co., Ltd.
Rev. 1.3
May.16, 2016
Single Phase Hall Effect Fan Driver
GENERAL DESCRIPTION
The MA477 is an integrated Hall sensor with H-Bridged output driver designed for
brushless DC motor applications. The device is using HV BCD process includes an on-chip
Hall sensor for magnetic sensing, an amplifier that amplifies the Hall voltage, a comparator
to provide switching hysteresis for noise rejection, a bi-directional drivers for sinking and
driving large current load.
Placing the device in a variable magnetic field, if the magnetic flux density is larger
than threshold BOP, the DO is turned to sink and DOB is turned to drive. This output state is
held until the magnetic flux density reverses and falls below BRP, then causes DO to be
turned to drive and DOB turned to sink.MA477 are available in SIP-4L & SOT23-5L
package.
FEATURES
- On-Chip High sensitivity Hall-effect Sensor
- Operating Voltage: 3.5V to 20V
- H-Bridge Output Drivers for Single Coil
- Thermal Shutdown Protection
- Low Output Switching Current Noise
- -40°C to 85°C Operating Temperature
- Low Profile SIP-4L & SOT23-5L Package
BLOCK DIAGRAM


Similar Part No. - MA477

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA477F MPOWER-MA477F Datasheet
178Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.1
MA477FP4 MPOWER-MA477FP4 Datasheet
178Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.1
MA477FRCPA MPOWER-MA477FRCPA Datasheet
178Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.1
MA477K MPOWER-MA477K Datasheet
125Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.2
MA477KCPA MPOWER-MA477KCPA Datasheet
125Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.2
More results

Similar Description - MA477

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA7130 MPOWER-MA7130 Datasheet
203Kb / 8P
Single Phase Hall Effect Fan Driver
MA477M MPOWER-MA477M Datasheet
119Kb / 2P
Single Phase Hall Effect Fan Driver
MA477F MPOWER-MA477F Datasheet
178Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.1
MA477K MPOWER-MA477K Datasheet
125Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.2
MA477L MPOWER-MA477L Datasheet
116Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.0
MA477MM MPOWER-MA477MM Datasheet
174Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.0
MA479 MPOWER-MA479 Datasheet
120Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.1
MA480 MPOWER-MA480 Datasheet
125Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.0
MA7131 MPOWER-MA7131 Datasheet
122Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.2
MA7132 MPOWER-MA7132 Datasheet
139Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com