Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA477 Datasheet(PDF) 3 Page - Major-Power Technology Co., LTD.

Part # MA477
Description  Single Phase Hall Effect Fan Drive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA477 Datasheet(HTML) 3 Page - Major-Power Technology Co., LTD.

  MA477 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA477 Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA477 Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA477 Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA477 Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA477 Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA477 Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA477 Datasheet HTML 8Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
MA477
Major Power Technology Co., Ltd.
Rev. 1.3
May.16, 2016
A BSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
Supply Voltage
VCC
22
V
Magnetic Flux Density
B
Unlimited
Gauss
Output Current
Continuous
IO
300
mA
Hold
400
Peak (start up)
800
Power Dissipation
PD
550
mW
Storage Temperature Range
TSTG
-50 to +150
°C
Thermal Resistance from Junction to case
θJC
49
°C/W
Thermal Resistance from Junction to ambient
θJA
227
°C/W
Recommended Operating Conditions (TA=25 °C)
Supply Voltage
VCC
3.5 to 20
V
Ambient Temperature
TA
-40 to 85
°C
ELECTRICAL CHARACTERISTICS
(VDD = 12V, TA = +25°C, unless otherwise noted.)
Characteristics
Symbol
Conditions
Min Typ Max Units
Average Supply Current
IDD
no load
-
3
-
mA
On resistance(RPMOS+RNMOS)
RDS(ON) 300mA
-
2.6
-
Thermal Shutdown Threshold
TSHUT
150
-
-
°C
Operating Point
BOP
5
30
50 Gauss
Releasing Point
BRP
-50
-30
-5 Gauss
Hysteresis
BHYS
-
60
-
Gauss
Note: Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com