Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA477 Datasheet(PDF) 5 Page - Major-Power Technology Co., LTD.

Part # MA477
Description  Single Phase Hall Effect Fan Drive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA477 Datasheet(HTML) 5 Page - Major-Power Technology Co., LTD.

  MA477 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA477 Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA477 Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA477 Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA477 Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA477 Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA477 Datasheet HTML 7Page - Major-Power Technology Co., LTD. MA477 Datasheet HTML 8Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5/8
MA477
Major Power Technology Co., Ltd.
Rev. 1.3
May.16, 2016
APPLICATION CIRCUIT
3.
Circuit 3
1
4
3
2
VCC
GND
Coil
VCC
DO
DOB
FG
5
100nF
Optional
10k
FG
Output
PERFORMANCE CHARACTERISTICS
TA (C)
25
50
60
70
80
85
90
95
100
Pd (mW)
550
440
396
352
308
286
264
242
220
TA (C)
105
110
115
120
125
130
135
140
150
Pd (mW)
198
176
154
132
110
88
66
44
0
P ow er D is s ipa tion C urv e
0
100
200
300
400
500
600
0
25
50
75
100
125
150
Ta (。 C)
Pd (m W )



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com