Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905U6DN Datasheet(PDF) 46 Page - Nuvoton Technology Corporation

Part # N32905U6DN
Description  ARM926-based Media Processor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905U6DN Datasheet(HTML) 46 Page - Nuvoton Technology Corporation

Back Button N32905U6DN Datasheet HTML 39Page - Nuvoton Technology Corporation N32905U6DN Datasheet HTML 40Page - Nuvoton Technology Corporation N32905U6DN Datasheet HTML 41Page - Nuvoton Technology Corporation N32905U6DN Datasheet HTML 42Page - Nuvoton Technology Corporation N32905U6DN Datasheet HTML 43Page - Nuvoton Technology Corporation N32905U6DN Datasheet HTML 44Page - Nuvoton Technology Corporation N32905U6DN Datasheet HTML 45Page - Nuvoton Technology Corporation N32905U6DN Datasheet HTML 46Page - Nuvoton Technology Corporation N32905U6DN Datasheet HTML 47Page - Nuvoton Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 46 / 47 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
46
Release Date: May. 2013
http://www.nuvoton.com/
Rev. A5.1
7.3
LQFP-64 (10X10X1.4mm body, 0.5mm pitch)
0
7
0
1.00
0.75
0.60
12.00
0.45
0.039
0.030
0.024
0.472
0.018
0.50
0.20
0.27
1.45
1.60
10.00
1.40
0.09
0.17
1.35
0.05
0.008
0.011
0.057
0.063
0.393
0.055
0.020
0.004
0.007
0.053
0.002
Symbol
Min
Nom
Max
Max
Nom
Min
Dimension in inch
Dimension in mm
A
b
c
D
e
HD
HE
L
y
0
A
A
L1
1
2
E
0.008
0.20
7
0.393
10.00
0.472
12.00
0.006
0.15
0.004
0.10
3.5
3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com