Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905U6DN Datasheet(PDF) 5 Page - Nuvoton Technology Corporation

Part # N32905U6DN
Description  ARM926-based Media Processor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905U6DN Datasheet(HTML) 5 Page - Nuvoton Technology Corporation

  N32905U6DN Datasheet HTML 1Page - Nuvoton Technology Corporation N32905U6DN Datasheet HTML 2Page - Nuvoton Technology Corporation N32905U6DN Datasheet HTML 3Page - Nuvoton Technology Corporation N32905U6DN Datasheet HTML 4Page - Nuvoton Technology Corporation N32905U6DN Datasheet HTML 5Page - Nuvoton Technology Corporation N32905U6DN Datasheet HTML 6Page - Nuvoton Technology Corporation N32905U6DN Datasheet HTML 7Page - Nuvoton Technology Corporation N32905U6DN Datasheet HTML 8Page - Nuvoton Technology Corporation N32905U6DN Datasheet HTML 9Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
5
Release Date: May. 2013
http://www.nuvoton.com/
Rev. A5.1
1.
GENERAL DESCRIPTION
The N3290xUxDN is built on the ARM926EJ-S CPU core and integrated with JPEG codec, CMOS sensor interface,
32-channel SPU (Sound Processing Unit), ADC, DAC, for meeting various kinds of application needs while saving the
BOM cost.
The combination of ARM926 @ 200MHz, synchronous DRAM, 2D BitBLT accelerator, CMOS image
sensor interface, LCD panel interface, USB 1.1 Host & USB2.0 HS Device makes the N3290xUxDN the best choice
for LCD ELA devices.
Maximum resolution for the N3290xUxDN is XVGA (1,024x768) @ TFT LCD panel. The 2D BitBLT accelerator
accelerates the graphic compution to make the rendering smooth and off-load CPU to save power consumption.
The N3290xUxDN is well-positioned in terms of cost/performance for the applications which bitmap graphics is
extensively used or CMOS Image Sensor (CIS) interface is required.
The N3290xUxDN is for application under Linux OS and leverage the driver availability of emerging functionalities like
Wi-Fi, browser, etc. On the other hand, the open source code environment also give the product development more
flexible.
To meet the different requirement of the overall system BOM cost, the different size of DRAM is stacked with N3290x
main SoC into one package, that is, multi-chip package (MCP).
The N32901U1DN is particularly designed with the
128-pin LQFP package and the 1Mbitx16 SDRAM is stacked inside the MCP.
The N32903U1DN is particularly
designed with the 128-pin LQFP package and the 4Mbitx16 SDRAM is stacked inside the MCP. The 16Mbitx16
SDRAM is stacked inside the N32905UxDN MCP to ensure higher performance and minimize the system design
efforts, like EMI & noise coupling. Total BOM cost could be reduced by employing 2-layer PCB along with the
elimination of damping resistors, EMI prevention components, etc. Advantages including, but not limited to, less PCB
space, shorter lead time, and higher / reliable production yield.
1.1
Applications
ELA (Educational Learning Aid)
HMI
Security
Home Appliance
Advertisement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com