Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905U6DN Datasheet(PDF) 7 Page - Nuvoton Technology Corporation

Part # N32905U6DN
Description  ARM926-based Media Processor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905U6DN Datasheet(HTML) 7 Page - Nuvoton Technology Corporation

Back Button N32905U6DN Datasheet HTML 3Page - Nuvoton Technology Corporation N32905U6DN Datasheet HTML 4Page - Nuvoton Technology Corporation N32905U6DN Datasheet HTML 5Page - Nuvoton Technology Corporation N32905U6DN Datasheet HTML 6Page - Nuvoton Technology Corporation N32905U6DN Datasheet HTML 7Page - Nuvoton Technology Corporation N32905U6DN Datasheet HTML 8Page - Nuvoton Technology Corporation N32905U6DN Datasheet HTML 9Page - Nuvoton Technology Corporation N32905U6DN Datasheet HTML 10Page - Nuvoton Technology Corporation N32905U6DN Datasheet HTML 11Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
7
Release Date: May. 2013
http://www.nuvoton.com/
Rev. A5.1
international JPEG standard supported.
Planar Format
Support to encode interleaved YCbCr 4:2:2/4:2:0 and gray-level (Y only) format
image
Support to decode interleaved YCbCr 4:4:4/4:2:2/4:2:0/4:1:1 and gray-level (Y only)
format image
Support to decode YCbCr 4:2:2 transpose format
Support arbitrary width and height image encode and decode
Support three programmable quantization-tables
Support standard default Huffman-table and programmable Huffman-table for decode
Support arbitrarily 1X~8X image up-scaling function for encode mode
Support down-scaling function for encode and decode modes
Support specified window decode mode
Support quantization-table adjustment for bit-rate and quality control in encode
mode
Support rotate function in encode mode
Packet Format
Support to encode interleaved YUYV format input image, output bitstream 4:2:2 and
4:2:0 format
Support to decode interleaved YCbCr 4:4:4/4:2:2/4:2:0 format image
Support decoded output image RGB555, RGB565 and RGB888 formats.
The encoded JPEG bit-stream format is fully compatible with JFIF and EXIF standards
Support arbitrary width and height image encode and decode
Support three programmable quantization-tables
Support standard default Huffman-table and programmable Huffman-table for decode
Support arbitrarily 1X~8X image up-scaling function for encode mode
Support down-scaling function 1X~ 16X for Y422 and Y420, 1X~ 8X for Y444 for
decode mode
Support specified window decode mode
Support quantization-table adjustment for bit-rate and quality control in encode
mode
2D Accelerator
BitBLT operation
2x2 transform matrix with effects:
Scale
Translate
Rotate
Shear
Alpha blending and color transformation supported
Source format for operations: supported color format of source bitmap
Fill
Rectangle Fill with single color – ARGB8888
Fill with blending effect supported
Supported color formats
Source
16 bits/pixel – RGB565
32 bits/pixel – ARGB8888
1 bit/pixel, 2 bits/pixel, 4 bits/pixel, 8 bits/pixel with RGB color palette
Destination
16 bits/pixel – RGB565
32 bits/pixel – ARGB8888



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com