Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905U6DN Datasheet(PDF) 27 Page - Nuvoton Technology Corporation

Part # N32905U6DN
Description  ARM926-based Media Processor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905U6DN Datasheet(HTML) 27 Page - Nuvoton Technology Corporation

Back Button N32905U6DN Datasheet HTML 23Page - Nuvoton Technology Corporation N32905U6DN Datasheet HTML 24Page - Nuvoton Technology Corporation N32905U6DN Datasheet HTML 25Page - Nuvoton Technology Corporation N32905U6DN Datasheet HTML 26Page - Nuvoton Technology Corporation N32905U6DN Datasheet HTML 27Page - Nuvoton Technology Corporation N32905U6DN Datasheet HTML 28Page - Nuvoton Technology Corporation N32905U6DN Datasheet HTML 29Page - Nuvoton Technology Corporation N32905U6DN Datasheet HTML 30Page - Nuvoton Technology Corporation N32905U6DN Datasheet HTML 31Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
N3290X DATASHEET
Nuvoton Technology Corp.
27
Release Date: May. 2013
http://www.nuvoton.com/
Rev. A5.1
Pin Name
I/O
Type
Description
ADC_AIN[1]
I
ADC Analog Input Channel 1
●
●
●
●
●
●
●
MIC_IN_M
I
Microphone Negative Input
ADC_AIN[0]
I
ADC Analog Input Channel 0
●
●
●
●
●
●
●
MIC_IN_P
I
Microphone Positive Input
ADC_TP_YP
I
Touch Panel YP
●
●
●
●
●
ADC_TP_XP
I
Touch Panel XP
●
●
●
●
●
ADC_TP_XM
I
Touch Panel XM
●
●
●
●
●
ADC_TP_YM
I
Touch Panel YM
●
●
●
●
●
Audio DAC
ADAC_HPOUT_R
O
Audio Headphone Right Channel Output
●
●
●
●
●
●
●
ADAC_HPOUT_L
O
Audio Headphone Left Channel Output
●
●
●
●
●
●
●
ADAC_VREF
O
Audio DAC Reference Voltage Output
Recommend to connect 1uF capacitor to
ground of Audio DAC
●
●
●
●
●
●
●
Power/Ground
MVREF
P
Reference Voltage for SDRAM I/F
Useless if SDR SDRAM used.
It should be MVDD/2 if DDR/DDR2/LPDDR
SDRAM used
●
●
●
●
●
●
●
MVREF_GND_SHI
ELDING
G
Ground Shielding for Reference Voltage
●
●
MVDD18
P
SDRAM I/F Power (1.8V)
●
●
●
●
●
MVDD33
P
SDRAM I/F Power (3.3V)
●
●
MVSS
G
SDRAM I/F Ground (0V)
●
●
●
●
●
●
●
MVDDQ
P
SDRAM I/F Power (1.8V)
●
●
●
●
●
●
●
MVSSQ
G
SDRAM I/F Ground (0V)
●
●
●
●
●
●
●
RTC_VDD
P
RTC Core, I/F & 32768Hz Crystal Power
●
●
●
●
●
UD_VDD33
P
USB 2.0 PHY Power (3.3V)
●
●
●
●
●
●
●
UD_VSS33
G
USB 2.0 PHY Ground (0V)
●
●
●
●
●
●
●
UD_VDD18
P
USB 2.0 PHY Power (1.8V)
●
●
●
●
●
●
●
UD_VSS18
G
USB 2.0 PHY Ground (0V)
●
●
●
●
●
●
●
TVDAC_VDD33
P
TV DAC Power (3.3V)
●
●



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com