Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM7340EHKP Datasheet(PDF) 4 Page - Sinopower Semiconductor Inc

Part # SM7340EHKP
Description  Dual N-Channel Enhancement Mode MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM7340EHKP Datasheet(HTML) 4 Page - Sinopower Semiconductor Inc

  SM7340EHKP Datasheet HTML 1Page - Sinopower Semiconductor Inc SM7340EHKP Datasheet HTML 2Page - Sinopower Semiconductor Inc SM7340EHKP Datasheet HTML 3Page - Sinopower Semiconductor Inc SM7340EHKP Datasheet HTML 4Page - Sinopower Semiconductor Inc SM7340EHKP Datasheet HTML 5Page - Sinopower Semiconductor Inc SM7340EHKP Datasheet HTML 6Page - Sinopower Semiconductor Inc SM7340EHKP Datasheet HTML 7Page - Sinopower Semiconductor Inc SM7340EHKP Datasheet HTML 8Page - Sinopower Semiconductor Inc SM7340EHKP Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SM7340EHKP
www.sinopowersemi.com
4
Copyright ã Sinopower Semiconductor, Inc.
Rev. A.4 - December, 2017
®
Channel 2 Electrical Characteristics (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Test Conditions
Channel 2
Unit
Min.
Typ.
Max.
Static Characteristics
BVDSS Drain-Source Breakdown Voltage
VGS=0V, IDS=250mA
30
-
-
V
BVDSSt
Drain-Source Breakdown Voltage
(transient)
VGS=0V, ID(aval)=65A
Tcase=25°C, ttransient=100ns
34
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS=24V, VGS=0V
-
-
1
mA
TJ=85°C
-
-
30
VGS(th)
Gate Threshold Voltage
VDS=VGS, IDS=250mA
1.3
1.6
2.3
V
IGSS
Gate Leakage Current
VGS=±20V, VDS=0V
-
-
±100
nA
RDS(ON)
f
Drain-Source On-state Resistance
VGS=10V, IDS=25A
-
0.6
0.75
m
W
TJ=125°C
-
0.91
-
VGS=4.5V, IDS=20A
-
0.9
1.2
Gfs
Forward Transconductance
VDS=5V, IDS=15A
-
30
-
S
Diode Characteristics
VSD
f
Diode Forward Voltage
ISD=25A, VGS=0V
-
0.76
1.1
V
trr
Reverse Recovery Time
ISD=15A, dlSD/dt=100A/ms
Vdd=15V
-
69
-
ns
ta
Charge Time
-
39
-
tb
Discharge Time
-
30
-
Qrr
Reverse Recovery Charge
-
83
-
nC
Dynamic Characteristics
g
RG
Gate Resistance
VGS=0V,VDS=0V,F=1MHz
-
0.65
-
W
Ciss
Input Capacitance
VGS=0V,
VDS=15V,
Frequency=1.0MHz
-
6600
-
pF
Coss
Output Capacitance
-
3800
-
Crss
Reverse Transfer Capacitance
-
330
-
td(ON)
Turn-on Delay Time
VDD=15V, RL=15W,
IDS=1A, VGEN=10V,
RG=1W
-
25
-
ns
tr
Turn-on Rise Time
-
19
-
td(OFF)
Turn-off Delay Time
-
65
-
tf
Turn-off Fall Time
-
70
-
Gate Charge Characteristics
g
Qg
Total Gate Charge
VDS=15V, VGS=4.5V,
IDS=25A
-
51
-
nC
Qg
Total Gate Charge
VDS=15V, VGS=10V,
IDS=25A
-
104
-
Qgth
Threshold Gate Charge
-
7.2
-
Qgs
Gate-Source Charge
-
14
-
Qgd
Gate-Drain Charge
-
20
-
Note f:Pulse test ; pulse width
£300ms, duty cycle£2%.
Note g:Guaranteed by design, not s ubjec t to production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com