Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM7340EHKP Datasheet(PDF) 2 Page - Sinopower Semiconductor Inc

Part # SM7340EHKP
Description  Dual N-Channel Enhancement Mode MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM7340EHKP Datasheet(HTML) 2 Page - Sinopower Semiconductor Inc

  SM7340EHKP Datasheet HTML 1Page - Sinopower Semiconductor Inc SM7340EHKP Datasheet HTML 2Page - Sinopower Semiconductor Inc SM7340EHKP Datasheet HTML 3Page - Sinopower Semiconductor Inc SM7340EHKP Datasheet HTML 4Page - Sinopower Semiconductor Inc SM7340EHKP Datasheet HTML 5Page - Sinopower Semiconductor Inc SM7340EHKP Datasheet HTML 6Page - Sinopower Semiconductor Inc SM7340EHKP Datasheet HTML 7Page - Sinopower Semiconductor Inc SM7340EHKP Datasheet HTML 8Page - Sinopower Semiconductor Inc SM7340EHKP Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SM7340EHKP
www.sinopowersemi.com
2
Copyright ã Sinopower Semiconductor, Inc.
Rev. A.4 - December, 2017
®
Symbol
Parameter
Channel 1 Channel 2
Unit
Common Ratings
VDSS
Drain-Source Voltage
30
V
VGSS
Gate-Source Voltage
±20
V
TJ
Maximum Junction Temperature
150
°C
TSTG
Storage Temperature Range
-55 to 150
°C
IS
Diode Continuous Forward Current
TC=25°C
20
40
A
ID
Continuous Drain Current
TC=25°C
102
292
A
TC=100°C
40
185
IDM
a
Pulse Drain Current
TC=25°C
200
350
A
PD
Maximum Power Dissipation
TC=25°C
39
96
W
TC=100°C
15.6
38.4
RqJC
Thermal Resistance-Junction to Case
Steady State
3.2
1.3
°C/W
ID
b
Continuous Drain Current
TA=25°C
31
56
A
TA=70°C
25
45
IDM
Pulse Drain Current(T=300uS)
TA=25°C
80
140
A
PD
b
Maximum Power Dissipation
TA=25°C
3.6
3.6
W
TA=70°C
2.3
2.3
RqJA
b,c
Thermal Resistance-Junction to Ambient
t
£10s
35
35
°C/W
Steady State
75
75
RqJA
d
Thermal Resistance-Junction to Ambient
Steady State
120
120
°C/W
IAS
e
Avalanche Current, Single pulse
L=0.1mH
35
65
A
EAS
e
Avalanche Energy, Single pulse
L=0.1mH
61.25
211.25
mJ
Note a:Pulse width is limited by max. junction temperature.
Note b:t
£10s and surface mounted on FR-4 board using 1in2 pad, 2 oz Cu.
Note c:Steady time = 999s and surface mounted on FR-4 board using 1in
2 pad, 2 oz Cu.
Note d:Steady time = 999s and surface mounted on FR-4 board and the minimum pad size of PCB.
Note e:UIS tested and pulse width are limited by maximum junction temperature 150
oC(initial temperature Tj=25oC).
Absolute Maximum Ratings (T
A = 25°C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com