Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM7340EHKP Datasheet(PDF) 11 Page - Sinopower Semiconductor Inc

Part # SM7340EHKP
Description  Dual N-Channel Enhancement Mode MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM7340EHKP Datasheet(HTML) 11 Page - Sinopower Semiconductor Inc

Back Button SM7340EHKP Datasheet HTML 7Page - Sinopower Semiconductor Inc SM7340EHKP Datasheet HTML 8Page - Sinopower Semiconductor Inc SM7340EHKP Datasheet HTML 9Page - Sinopower Semiconductor Inc SM7340EHKP Datasheet HTML 10Page - Sinopower Semiconductor Inc SM7340EHKP Datasheet HTML 11Page - Sinopower Semiconductor Inc SM7340EHKP Datasheet HTML 12Page - Sinopower Semiconductor Inc SM7340EHKP Datasheet HTML 13Page - Sinopower Semiconductor Inc SM7340EHKP Datasheet HTML 14Page - Sinopower Semiconductor Inc SM7340EHKP Datasheet HTML 15Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
SM7340EHKP
www.sinopowersemi.com
11
Copyright ã Sinopower Semiconductor, Inc.
Rev. A.4 - December, 2017
®
Channel 2 Typical Operating Characteristics (Cont.)
Gate-Source On Resistance
VGS - Gate - Source Voltage (V)
Tj - Junction Temperature (°C)
Gate Threshold Voltage
Drain-Source On Resistance
Tj- Junction Temperature (°C)
VSD - Source - Drain Voltage (V)
Source-Drain Diode Forward
2
3
4
5
6
7
8
9
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
I
DS=25A
-50 -25
0
25
50
75 100 125 150
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
I
DS =250mA
-50 -25
0
25
50
75 100 125 150
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
V
GS = 10V
I
DS = 25A
R
ON@Tj=25
oC: 0.6mW
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
300
T
j=150
oC
T
j=25
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com