Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM7340EHKP Datasheet(PDF) 1 Page - Sinopower Semiconductor Inc

Part # SM7340EHKP
Description  Dual N-Channel Enhancement Mode MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM7340EHKP Datasheet(HTML) 1 Page - Sinopower Semiconductor Inc

  SM7340EHKP Datasheet HTML 1Page - Sinopower Semiconductor Inc SM7340EHKP Datasheet HTML 2Page - Sinopower Semiconductor Inc SM7340EHKP Datasheet HTML 3Page - Sinopower Semiconductor Inc SM7340EHKP Datasheet HTML 4Page - Sinopower Semiconductor Inc SM7340EHKP Datasheet HTML 5Page - Sinopower Semiconductor Inc SM7340EHKP Datasheet HTML 6Page - Sinopower Semiconductor Inc SM7340EHKP Datasheet HTML 7Page - Sinopower Semiconductor Inc SM7340EHKP Datasheet HTML 8Page - Sinopower Semiconductor Inc SM7340EHKP Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Dual N-Channel Enhancement Mode MOSFET
SM7340EHKP
www.sinopowersemi.com
1
SINOPOWER reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Copyright ã Sinopower Semiconductor, Inc.
Rev. A.4 - December, 2017
®
Pin Description
Ordering and Marking Information
Features
Applications
· Power Management in Desktop Computer or
DC/DC Converters.
N-Channel MOSFET
Note : SINOPOWER lead-free products contain molding compounds/die attach materials and 100% matte tin plate
termination finish; which are fully compliant with RoHS. SINOPOWER lead-free products meet or exceed the lead-
free requirements of IPC/JEDEC J-STD-020D for MSL classification at lead-free peak reflow temperature. SINOPOWER
defines “Green” to mean lead-free (RoHS compliant) and halogen free (Br or Cl does not exceed 900ppm by weight
in homogeneous material and total of Br and Cl does not exceed 1500ppm by weight).
S2
G2
(8)
G1 (1)
D1
(3)
S1 / D2
(4)
(2)(5)(6)(7)
(9)
·
Channel 1
30V/31A,
R
DS(ON) = 2.5mW (max.) @ VGS = 10V
R
DS(ON) = 4.2mW (max.) @ VGS = 4.5V
·
Channel 2
30V/56A,
R
DS(ON) = 0.75mW (max.) @ VGS =10V
R
DS(ON) = 1.2mW (max.) @ VGS =4.5V
·
100% UIS + R
g Tested
·
Reliable and Rugged
·
Lead Free Available (RoHS Compliant)
·
Dual Dies Package and Minimize Board Space
·
Lower Q
g and Qgd for High-Speed Switching
·
Lower R
DS(ON) to Minimize Conduction Losses
G1
D1
D1
G2
S1/D2
S1/D2
S1/D2
S1/D2
SM7340EH
Handling Code
Temperature Range
Package Code
Package Code
KP : DFN5x6E-8_EP2
Operating Junction Temperature Range
C : -55 to 150 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
SM7340EH KP :
7340EH
XXXXX
XXXXX - Lot Code
Assembly Material
DFN5x6E-8_EP2
S2
D1
Pin1
(Pin
9)


Similar Part No. - SM7340EHKP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM73403 TI1-SM73403 Datasheet
188Kb / 8P
Single General Purpose Voltage Comparator
More results

Similar Description - SM7340EHKP

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026 Datasheet
256Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
Dual N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTDN8233X6 CYSTEKEC-MTDN8233X6 Datasheet
290Kb / 8P
Dual N -Channel Enhancement Mode MOSFET
MTDN8810T8 CYSTEKEC-MTDN8810T8 Datasheet
423Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026_10 Datasheet
236Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
SPN2622 SYNC-POWER-SPN2622 Datasheet
188Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG1026UV DIODES-DMG1026UV Datasheet
240Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
Stanson Technology
STN4828 STANSON-STN4828 Datasheet
511Kb / 6P
Dual N Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com