Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5103VT Datasheet(PDF) 2 Page - Excelliance MOS Corp.

Part # EM5103VT
Description  3A Low Dropout LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5103VT Datasheet(HTML) 2 Page - Excelliance MOS Corp.

  EM5103VT Datasheet HTML 1Page - Excelliance MOS Corp. EM5103VT Datasheet HTML 2Page - Excelliance MOS Corp. EM5103VT Datasheet HTML 3Page - Excelliance MOS Corp. EM5103VT Datasheet HTML 4Page - Excelliance MOS Corp. EM5103VT Datasheet HTML 5Page - Excelliance MOS Corp. EM5103VT Datasheet HTML 6Page - Excelliance MOS Corp. EM5103VT Datasheet HTML 7Page - Excelliance MOS Corp. EM5103VT Datasheet HTML 8Page - Excelliance MOS Corp. EM5103VT Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2011/11/14
Rev.A.8
2
EM5103
Pin Assignment
Pin Name
Pin No.
Pin Function
PSOP8 DFN3X3-10L
POK
1
5
Power OK Indication. POK is an open-drain output. An external pull high
resistor connected to this pin is required.
EN
2
6
Enable Input. Pulling the pin below 0.4V turns the regulator off
VIN
3
7,8,9
Input Voltage. This is the drain input to the power device that supplies
current to the output pin. VIN cannot be forced higher than VCNTL.
CNTL
4
10
Supply Input for Control Circuit. CNTL provides supply voltage to the control
circuitry and driver for the pass transistor. The driving capability of output
current is proportioned to the VCNTL. For the device to regulate, the voltage on
this pin must be at least 2.0V greater than the output voltage, and no less
than VCNTL_MIN.
NC
5
-
No Connection inside chip.
VOUT
6
1,2,3
Output Voltage. VOUT is power output pin. An internal pull low resistance
exists when the device is disabled. Minimum 22uF low ESR ceramic holding
capacitor is required at this pin for stabilizing VOUT voltage.
FB
7
4
Feedback Voltage. FB is the inverting input to the error amplifier. A resistor
divider from the output to GND is used to set the regulation voltage as
VOUT = (1 + R1/R2) x 0.8V (V). This pin has high impedance and should be kept
from noisy source to guarantee stable operation.
GND
8
11
Ground.
Function Block Diagram
Power On
Reset
Delay
Thermal
Protection
Current
Limit
+
0.8V
+
0.72V
VOUT
POK
VIN
FB
Control
Logic
EN
Soft Start
GND
Voltage
Reference
CNTL
0.8V
0.72V
ZEN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com