Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5103VT Datasheet(PDF) 5 Page - Excelliance MOS Corp.

Part # EM5103VT
Description  3A Low Dropout LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5103VT Datasheet(HTML) 5 Page - Excelliance MOS Corp.

  EM5103VT Datasheet HTML 1Page - Excelliance MOS Corp. EM5103VT Datasheet HTML 2Page - Excelliance MOS Corp. EM5103VT Datasheet HTML 3Page - Excelliance MOS Corp. EM5103VT Datasheet HTML 4Page - Excelliance MOS Corp. EM5103VT Datasheet HTML 5Page - Excelliance MOS Corp. EM5103VT Datasheet HTML 6Page - Excelliance MOS Corp. EM5103VT Datasheet HTML 7Page - Excelliance MOS Corp. EM5103VT Datasheet HTML 8Page - Excelliance MOS Corp. EM5103VT Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2011/11/14
Rev.A.8
5
EM5103
Typical Operating Characteristics
Power On from VIN
Power On from VCNTL
VCNTL=5V,VIN=3.3V,COUT=1000uF,No Load.
VCNTL=5V,VIN=3.3V,COUT=1000uF,No Load.
Turn On from EN
Dropout Voltage vs. Output Current
VCNTL=5V,VIN=3.3V,COUT=1000uF,No Load.
VCNTL=5V,VOUT =1.6V.
Output Short Circuit
Output Voltage vs. Output Current
VIN=VCNTL=5V,VOUT=VREF.
VIN=VCNTL=5V,VOUT=1.0V.
VCNTL
VOUT
POK
IIN
VIN
VOUT
POK
IIN
VEN
VOUT
POK
IIN
0A
1A
2A
3A
4A
5A
0.8V
0.6V
0.4V
0.2V
0V
Output Current (A)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com