Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5103VT Datasheet(PDF) 8 Page - Excelliance MOS Corp.

Part # EM5103VT
Description  3A Low Dropout LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5103VT Datasheet(HTML) 8 Page - Excelliance MOS Corp.

Back Button EM5103VT Datasheet HTML 2Page - Excelliance MOS Corp. EM5103VT Datasheet HTML 3Page - Excelliance MOS Corp. EM5103VT Datasheet HTML 4Page - Excelliance MOS Corp. EM5103VT Datasheet HTML 5Page - Excelliance MOS Corp. EM5103VT Datasheet HTML 6Page - Excelliance MOS Corp. EM5103VT Datasheet HTML 7Page - Excelliance MOS Corp. EM5103VT Datasheet HTML 8Page - Excelliance MOS Corp. EM5103VT Datasheet HTML 9Page - Excelliance MOS Corp. EM5103VT Datasheet HTML 10Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2011/11/14
Rev.A.8
8
EM5103
Functional Description
Enable Function
EM5103 is enabled if the voltage of the EN pin is
greater than 1.4V. If the voltage of the EN pin is
less than 0.4V, the IC will be disabled. The
quiescent current can be decreased to be less than
10uA typically.
POR – Power ON Reset
To let EM5103 start to operation, CNTL voltage
must be higher than its POR voltage even when EN
voltage is pulled higher than enable high voltage.
Typical POR voltage is 2.7V.
VOUT Voltage Adjustment
The VOUT voltage of EM5103 can be adjusted by
external
voltage
divider.
Refer
to
typical
application circuit, VOUT voltage is calculated by
the following equation,
VOUT = (1 + R1/R2) x 0.8V
Over Current Limit Function
EM5103 features over current limiting function as
well as output short circuit current fold back
function. Typically, before the thermal protection is
triggered, EM5103 can limit its output current to
4.0A. When output voltage is decreased, the
limiting current level also decreases. When VOUT is
short to GND, or VOUT voltage is zero, the output
current level is limited to 2.5A, typically.
Input and Output Capacitor Selection
For CNTL pin, a 1uF ceramic capacitor is enough for
bypass the supply of CNTL to GND. For VIN pin,
10uF or larger ceramic capacitor is required to
provide bypass path in transient current demand.
VOUT pin is also recommended to have 22uF or
larger ceramic capacitor to be stable and reduce
the VOUT voltage dip when fast loading transient is
happened. A feed-forward capacitor can be placed
between VOUT and FB pin to speed up the
transient response, optionally.
Power Dissipation
The max power depends on some conditions,
including of thermal impedance, PCB layout,
airflow, and so on. The max power dissipation can
be calculated by the formula as below
PD(max)=(TJ(max)-TA) / θJA
TJ(max) is the max junction temperature; θJA is the
thermal impedance from junction to ambient. The
thermal impedance θJA of exposed SOP-8 is
package design and PCB design dependent. The
thermal impedance can be reduced by increasing
the copper area under the exposed pad of the
SOP-8 package. So, to let the copper area as large
as possible is helpful for the thermal performance
of the exposed SOP-8 package.
For recommended specification of EM5103, the
max junction temperature is 125 degree C. The θJA
of exposed SOP-8 is 75°C/W on the standard JEDEC
51-7(4 layers, 2S2P, copper 2 oz) thermal test
board. The max power dissipation (at 25°C ambient,
on the min exposed pad layout) can be calculated
as below:
PD(max at 25°C)=(125°C–25°C)/(75°C/W) = 1.33W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com