Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5103VT Datasheet(PDF) 3 Page - Excelliance MOS Corp.

Part # EM5103VT
Description  3A Low Dropout LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5103VT Datasheet(HTML) 3 Page - Excelliance MOS Corp.

  EM5103VT Datasheet HTML 1Page - Excelliance MOS Corp. EM5103VT Datasheet HTML 2Page - Excelliance MOS Corp. EM5103VT Datasheet HTML 3Page - Excelliance MOS Corp. EM5103VT Datasheet HTML 4Page - Excelliance MOS Corp. EM5103VT Datasheet HTML 5Page - Excelliance MOS Corp. EM5103VT Datasheet HTML 6Page - Excelliance MOS Corp. EM5103VT Datasheet HTML 7Page - Excelliance MOS Corp. EM5103VT Datasheet HTML 8Page - Excelliance MOS Corp. EM5103VT Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2011/11/14
Rev.A.8
3
EM5103
Absolute Maximum Ratings (Note1)
VIN ---------------------------------------------------------------------------------- -0.3V to +6V
VCNTL (Note 1) ------------------------------------------------------------------- -0.3V to +6V
Other Pins
------------------------------------------------------------------------
-0.3V to (VCNTL+0.3V)
Package Thermal Resistance,θJA,
PSOP8 (Note 2)
-------------------------------------------------------------
75°C/W
DFN3X3-10L
---------------------------------------------------------------- 60°C/W
Power Dissipation, PD @ TA = 25°C,
PSOP8 (Note 3) --------------------------------------------------------------
1.9W
DFN3X3-10L ------------------------------------------------------------------ 1.67W
Junction Temperature
--------------------------------------------------------
150°C
Lead Temperature (Soldering, 10 sec.)
----------------------------------
260°C
Storage Temperature
---------------------------------------------------------
-65°C to +150°C
ESD susceptibility (Note4)
HBM (Human Body Mode)
--------------------------------------------------
2KV
MM (Machine Mode)
----------------------------------------------------------
200V
Recommended Operating Conditions (Note5)
Supply Input Voltage, VIN ----------------------------------------------------
1.0V to VCNTL
Control Voltage, VCNTL -------------------------------------------------------- 3.0V to 5.5V
Junction Temperature
--------------------------------------------------------
-40°C to 125°C
Ambient Temperature
--------------------------------------------------------
-40°C to 85°C
Electrical Characteristics
VCNTL=5V, TA=25°C, unless otherwise specified
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Input Section
Control Input Voltage
VCNTL
VOUT= VREF
3.0
-
5.5
V
POR Threshold
VCNTLRTH
-
2.7
-
V
POR Hysteresis
VCNTLHYS
-
0.2
-
V
Power Input Voltage
VIN
VOUT=VREF
1.0
-
VCNTL
V
Control Input Current in
Shutdown
ICNTL_SD
VIN=VCNTL=5V, IOUT=0A,VEN=0V
-
10
30
uA
Quiescent Current
IQ
VIN=VCNTL=VEN=5V, IOUT=0A,
VOUT=VREF
-
0.9
1.5
mA
Feedback
Reference Voltage
VREF
VIN=VCNTL=VEN=5V, IOUT=0A,
VOUT=VREF
0.788
0.8
0.812
V
Feedback Input Current
IFB
-
5
-
nA
VIN Line Regulation
VREF(LINE)
1.2V<VIN<5V, VCNTL=VEN=5V,
IOUT=0A, VOUT=VREF
-
0.01
0.1
%/V
Load Regulation (Note 6)
VREF(LOAD)
10mA<IOUT<3A,
VIN=VCNTL=VEN=5V, VOUT=VREF
-
0.8
1.5
%/A
Load Regulation over
Temperature
VREF(TOTAL)
10mA<IOUT<3A,
VIN=VCNTL=VEN=5V, VOUT=VREF,
-40
oC<T
j<125
oC by design
-
-
3
%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com