Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5106VT Datasheet(PDF) 2 Page - Excelliance MOS Corp.

Part # EM5106VT
Description  3A Low Dropout LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5106VT Datasheet(HTML) 2 Page - Excelliance MOS Corp.

  EM5106VT Datasheet HTML 1Page - Excelliance MOS Corp. EM5106VT Datasheet HTML 2Page - Excelliance MOS Corp. EM5106VT Datasheet HTML 3Page - Excelliance MOS Corp. EM5106VT Datasheet HTML 4Page - Excelliance MOS Corp. EM5106VT Datasheet HTML 5Page - Excelliance MOS Corp. EM5106VT Datasheet HTML 6Page - Excelliance MOS Corp. EM5106VT Datasheet HTML 7Page - Excelliance MOS Corp. EM5106VT Datasheet HTML 8Page - Excelliance MOS Corp. EM5106VT Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2013/11/26
A.3
2
EM5106
Pin Assignment
Function Block Diagram
Pin Name
Pin No.
Pin Function
POK
1
Power OK Indication. POK is an open-drain output. An external pull high resistor
connected to this pin is required.
FB
2
Feedback Voltage. FB is the inverting input to the error amplifier. A resistor divider
from the output to GND is used to set the regulation voltage as
VOUT = (1 + R1/R2) x 0.8V (V). This pin has high impedance and should be kept from
noisy source to guarantee stable operation.
VOUT
3~5
Output Voltage. VOUT is power output pin. An internal pull low resistance exists
when the device is disabled. Minimum 10uF low ESR ceramic holding capacitor is
required at this pin for stabilizing VOUT voltage.
VIN
6~8
Input Voltage. This is the drain input to the power device that supplies current to
the output pin. Minimum 10uF low ESR ceramic capacitor is recommended at this
pin.
EN
9
Enable Input. Pulling the pin below 0.3V turns the regulator off
CNTL
10
Supply Input for Control Circuit. CNTL provides supply voltage to the control
circuitry and driver for the pass transistor. The driving capability of output current
is proportioned to the VCNTL.
GND
Exposed
Pad
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com