Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5106VT Datasheet(PDF) 3 Page - Excelliance MOS Corp.

Part # EM5106VT
Description  3A Low Dropout LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5106VT Datasheet(HTML) 3 Page - Excelliance MOS Corp.

  EM5106VT Datasheet HTML 1Page - Excelliance MOS Corp. EM5106VT Datasheet HTML 2Page - Excelliance MOS Corp. EM5106VT Datasheet HTML 3Page - Excelliance MOS Corp. EM5106VT Datasheet HTML 4Page - Excelliance MOS Corp. EM5106VT Datasheet HTML 5Page - Excelliance MOS Corp. EM5106VT Datasheet HTML 6Page - Excelliance MOS Corp. EM5106VT Datasheet HTML 7Page - Excelliance MOS Corp. EM5106VT Datasheet HTML 8Page - Excelliance MOS Corp. EM5106VT Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2013/11/26
A.3
3
EM5106
Absolute Maximum Ratings (Note1)
VIN ------------------------------------------------------------------------------------------------------ -0.3V to +6.0V
VCNTL --------------------------------------------------------------------------------------------------- -0.3V to +6.0V
Other Pins------------------------------------------------------------------------------------
-0.3V to (VCNTL+0.3V)
Package Thermal Resistance,θJA, DFN3X3-10L (Note2)---------------------------------------------
60°C/W
Power Dissipation, PD @ TA = 25°C, DFN3X3-10L --------------------------------------------------- 1.67W
Junction Temperature------------------------------------------------------------------------------------------
150°C
Lead Temperature (Soldering, 10 sec.)--------------------------------------------------------------------
260°C
Storage Temperature ----------------------------------------------------------------------------
−65°C to 150°C
ESD susceptibility (Note3)
HBM (Human Body Mode)-----------------------------------------------------------------------------------
2KV
MM (Machine Mode)-----------------------------------------------------------------------------------------
200V
Recommended Operating Conditions (Note4)
Control Voltage, VCNTL ------------------------------------------------------------------------------ +3.0V to +6V
Supply Input Voltage, VIN ------------------------------------------------------------------------- +1.05V to VCNTL
Junction Temperature ----------------------------------------------------------------------------- −40°C to 125°C
Ambient Temperature ------------------------------------------------------------------------------- −40°C to 85°C
Electrical Characteristics
VCNTL=5V, TA=25°C, unless otherwise specified
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Input Section
Control Input Voltage
VCNTL
VOUT= VREF
3.0
-
6
V
POR Threshold
VCNTLTH
2.5
-
2.9
V
POR Hysteresis
VCNTLHYS
-
0.4
-
V
Power Input Voltage
VIN
VOUT=VREF
1.05
-
VCNTL
V
VIN POR Threshold
VVINTH
0.8
-
1.0
V
VIN POR Hysteresis
VVINHYS
0.2
-
0.5
V
VN POR Deglitch Time
-
100
-
us
Control Input Current in
Shutdown
ICNTL_SD
VIN=VCNTL=5V, VEN=0V
-
10
30
uA
Quiescent Current
IQ
VIN=VCNTL=VEN=5V, IOUT=0A
-
1.0
1.5
mA
Feedback
Reference Voltage
VREF
VIN=VCNTL=VEN=5V, IOUT=0A,
VOUT=VREF
0.792
0.8
0.808
V
VIN Line Regulation
VREF(LINE)
1.05V<VIN<5V, VCNTL=VEN=5V
-
0.01
0.1
%/V
Load Regulation (Note 5)
VREF(LOAD)
0<IOUT<3A, VCNTL=VEN=5V
-
0.1
0.5
%/A
Dropout Voltage (Note 6)
VDROP
IOUT=3A, VCNTL=5V, VOUT=1.2V
-
250
360
mV
VOUT Pull Low Resistance
sinking current= 5mA
-
-
150
Ω
Enable
Enable High Level
VEN
1.1
-
-
V
Disable Low Level
VSD
-
-
0.3
V
Enable Source Current
IEN
VCNTL=5V, VEN=0V
-
5
10
μA
Enable Input Impedance
ZEN
500
-
-
KΩ
Output Voltage Ramp Up
Time
TSS
0.6
1
2
ms



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com