Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5106VT Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EM5106VT
Description  3A Low Dropout LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5106VT Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EM5106VT Datasheet HTML 1Page - Excelliance MOS Corp. EM5106VT Datasheet HTML 2Page - Excelliance MOS Corp. EM5106VT Datasheet HTML 3Page - Excelliance MOS Corp. EM5106VT Datasheet HTML 4Page - Excelliance MOS Corp. EM5106VT Datasheet HTML 5Page - Excelliance MOS Corp. EM5106VT Datasheet HTML 6Page - Excelliance MOS Corp. EM5106VT Datasheet HTML 7Page - Excelliance MOS Corp. EM5106VT Datasheet HTML 8Page - Excelliance MOS Corp. EM5106VT Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2013/11/26
A.3
4
EM5106
PWROK
POK Threshold
VPOKTH_R
VFB Rising
90
-
94
%
VPOKTH_F
VFB Falling
80
-
84
%
POK Sinking Voltage
VPOK
sinking current= 5mA
-
-
0.4
V
POK Delay Time
TPOK_DLY
From VOUT>92% to POK rising
1
2
4
ms
Protection
OCP Threshold Level
IOCP
3.2
4.5
-
A
Under Voltage Threshold
VUVP
VFB Falling
-
0.4
-
V
Thermal Protection
Thermal Shutdown
Temperature
TSD
-
170
-
°C
Thermal Shutdown
Hysteresis
TSDHYS
-
40
-
°C
Note 1.
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2.
θJA is measured in the natural convection at TA=25
oC on a 4-layers high effective thermal conductivity test board with
minimum copper area of JEDEC 51-7 thermal measurement standard.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.
Note 5.
Load regulation is measured by a current pulse with 50Hz frequency and 10% duty cycle.
Note 6.
The dropout voltage is defined as (VIN-VOUT), which is measured when VOUT equal to (VOUT,(NORMAL)-100mV).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com