Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5106VT Datasheet(PDF) 1 Page - Excelliance MOS Corp.

Part # EM5106VT
Description  3A Low Dropout LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5106VT Datasheet(HTML) 1 Page - Excelliance MOS Corp.

  EM5106VT Datasheet HTML 1Page - Excelliance MOS Corp. EM5106VT Datasheet HTML 2Page - Excelliance MOS Corp. EM5106VT Datasheet HTML 3Page - Excelliance MOS Corp. EM5106VT Datasheet HTML 4Page - Excelliance MOS Corp. EM5106VT Datasheet HTML 5Page - Excelliance MOS Corp. EM5106VT Datasheet HTML 6Page - Excelliance MOS Corp. EM5106VT Datasheet HTML 7Page - Excelliance MOS Corp. EM5106VT Datasheet HTML 8Page - Excelliance MOS Corp. EM5106VT Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2013/11/26
A.3
1
EM5106
3A Low Dropout LDO
General Description
EM5106 is a 3A low dropout linear regulator
designed
for low dropout and high current
applications. This device works with dual supplies,
a control input for the control circuitry and a power
input as low as 1.0V for providing current to output.
It features 3A output current and ultra-low-drop
output voltage as well as full protection functions.
VOUT can be as low as 0.8V.
The other features include soft start, under
voltage
protection,
current
limit
protection,
Power-On-Reset function, and over temperature
protection. The EM5106 is available in DFN3x3-10L
package.
Ordering Information
Part Number
Package
Remark
EM5106VT
DFN3x3-10L
Lead-Free
Features
VIN Range 1.05V to 6.0V
VOUT is Adjustable (0.8V Min)
Excellent Line Regulation
Excellent Load Regulation
3A Guaranteed Output Current
250mV @ 3A Dropout Voltage
Very Low On-Resistance
Enable & Power good Signal
VOUT Under Voltage Protection
Current Limit Protection
Over Temperature Protection
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Notebook & Netbook
Graphic Cards & MB
Low Voltage Logic Supplies
Chipset Supplies
Server System
SMPS Post Regulators
Pin Configuration
Typical Application Circuit
POK
EN
VIN
CNTL
VOUT
FB
GND
R5
10Ω
Ω
Ω
Ω
R3
100KΩ
Ω
Ω
Ω
VIN
VCNTL
EN
VOUT
C1
10uF
C3
1uF
EM5106VT
(DFN 3x3 10L)
R1
100KΩ
Ω
Ω
Ω
R2
100KΩ
Ω
Ω
Ω
C4
10uF


Similar Part No. - EM5106VT

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EM5102 EXCELLIANCE-EM5102 Datasheet
348Kb / 9P
2A Low Dropout LDO
logo
Cystech Electonics Corp...
EM5102AQP CYSTEKEC-EM5102AQP Datasheet
950Kb / 12P
2A Low Dropout LDO
logo
Excelliance MOS Corp.
EM5102GE EXCELLIANCE-EM5102GE Datasheet
348Kb / 9P
2A Low Dropout LDO
logo
Cystech Electonics Corp...
EM5103 CYSTEKEC-EM5103 Datasheet
756Kb / 12P
3A Low Dropout LDO
logo
Excelliance MOS Corp.
EM5103 EXCELLIANCE-EM5103 Datasheet
331Kb / 10P
3A Low Dropout LDO
More results

Similar Description - EM5106VT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L1085-3.3 ETC1-L1085-3.3 Datasheet
85Kb / 8P
3A Fixed Low Dropout Linear Regulator (LDO)
logo
Avic Technology
AV1085 AVICTEK-AV1085 Datasheet
108Kb / 7P
3A Adjustable Low Dropout Linear Regulator (LDO)
logo
List of Unclassifed Man...
AMC7586 ETC1-AMC7586 Datasheet
262Kb / 9P
3A Low Dropout Regulator
L1085 ETC-L1085 Datasheet
78Kb / 7P
3A Adjustable Low Dropout Linear Regulator (LDO)
logo
Cystech Electonics Corp...
EM5103 CYSTEKEC-EM5103 Datasheet
756Kb / 12P
3A Low Dropout LDO
EM5103NA CYSTEKEC-EM5103NA Datasheet
756Kb / 12P
3A Low Dropout LDO
EM5103QP CYSTEKEC-EM5103QP Datasheet
756Kb / 12P
3A Low Dropout LDO
logo
NIKO SEMICONDUCTOR CO.,...
L1085XG NIKOSEM-L1085XG Datasheet
137Kb / 8P
3A Adjustable Low Dropout Linear Regulator (LDO)
logo
Excelliance MOS Corp.
EM5103 EXCELLIANCE-EM5103 Datasheet
331Kb / 10P
3A Low Dropout LDO
EM5107 EXCELLIANCE-EM5107 Datasheet
1Mb / 10P
3A Low Dropout LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com