Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1232LP Datasheet(PDF) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # DS1232LP
Description  Low Power MicroMonitor Chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

DS1232LP Datasheet(HTML) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  DS1232LP Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1232LP Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1232LP Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1232LP Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1232LP Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1232LP Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1232LP Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DS1232LP/LPS
Low Power MicroMonitor Chip
www.artschip.com
5
TIMING DIAGRAM: POWER-UP Figure 6
ABSOLUTE MAXIMUM RATINGS*
Voltage on Vcc Pin Relative to Ground
-0.5V to +7.0V
Voltage on I/O Relative to Ground
-0.5V to Vcc +0.5V
Operating Temperature
0
℃ to 70℃
Operating Temperature (Industrial Version)
-40
℃ to +85℃
Storage Temperature
-55
℃ to +125℃
Soldering Temperature
260
℃ for 10 seconds
*This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the
operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time
may affect reliability.
RECOMMENDED DC OPERATIONG CONDTIONS
(0
℃ to 70℃)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
Vcc
4.5
5.0
5.5
V
1
and
Input High Level
VIH
2.0
Vcc +0.3
V
1
and
Input Low Level
VIL
-0.3
+0.8
V
1
DC ELECTRICAL CHARACTERISTICS
(0
℃ to 70℃; Vcc =4.5 to 5.5V )
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage
IIL
-1.0
+1.0
µA
3
Output Current @ 2.4V
IOH
-8
-10
mA
5
Output Current @ 0.4V
IOL
10
mA
Low Level @ RST
VOL
0.4
V
1
Output Voltage @ -500uA
VOH
Vcc
-0.5V
Vcc
-0.1V
V
1,7
Output Current (CMOS)
Icc1
50
µA
2
Operating Current (TTL)
Icc2
200
500
µA
8
Vcc Trip Point (TOL=GND)
VCCTP
4.50
4.62
4.74
V
1
Vcc Trip Point (TOL=Vcc)
VCCTP
4.25
4.37
4.49
V
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com