Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1232LP Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # DS1232LP
Description  Low Power MicroMonitor Chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

DS1232LP Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  DS1232LP Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1232LP Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1232LP Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1232LP Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1232LP Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1232LP Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1232LP Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DS1232LP/LPS
Low Power MicroMonitor Chip
www.artschip.com
2
OPERATION – POWER MONITOR
The DS1232LP/LPS detects out-of-tolerance power supply conditions and warns a processor-based system of impending power
failure. When Vcc falls below a preset level as defined by TOL, the Vcc comparator outputs the signals RST and
. When TOL is
connected to ground, the RST and
signals become active as Vcc falls below 4.75 volts. When TOL is connected to Vcc, the RST
and
signals become active as Vcc falls below 4.5 volts. The RST and
are excellent control signals for a microprocessor, as
processing is stopped at the last possible moments of valid Vcc. On power-up, RST and
are kept active for a minimum of 250 ms
to allow the power supply and processor to stabilize.
OPERATION – PUSHBUTTON RESET
The DS1232LP/LPS provides an input pin for direct connection to a pushbutton (Figure 1). The pushbutton reset input requires an
active low signal. Internally, this input is debounced and timed such that RST and
signals of at least 250ms minimum are
generated. The 250ms delay starts as the pushbutton reset input is released from low level.
OPERATION – WATCHDOG TIMER
The watchdog timer function forces RST and
signals to the active state when the
input is not stimulated for a predetermined
time period. The time period is set by the TD input to be typically 150ms with TD connected to ground, 600 ms with TD left
unconnected, and 1.2 seconds with TD connected to Vcc. The watchdog timer starts timing out from the set time period as soon as
RST and
are inactive. If a high-to-low transition occurs on the
input pin prior to timeout, the watchdog timer is reset and
begins to timeout again. If the watchdog timer is allowed to timeout, then the RST and
signals are driven to the active state for
250ms minimum. The
input can derived from microprocessor address signals, data signals, and/or control signals. When the
microprocessor is functioning normally, these signals would, as a matter of routine, cause the watchdog to be reset prior to timeout. To
guarantee that the watchdog timer does not timeout, a high-to-low transition must occur at or less than the minimum shown in Table 1.
A typical circuit example is shown in Figure 2.
MICROMONITIOR BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com