Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1232LP Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # DS1232LP
Description  Low Power MicroMonitor Chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

DS1232LP Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  DS1232LP Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1232LP Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1232LP Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1232LP Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1232LP Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1232LP Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1232LP Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DS1232LP/LPS
Low Power MicroMonitor Chip
www.artschip.com
1
FEATURES
Super-low power version of DS1232
50µA quiescent current
Halts and restarts an out-of-control microprocessor
Automatically restarts microprocessor after power failure
Monitors pushbutton for external override
Accurate 5% or 10% microprocessor power supply monitoring
8-pin DIP, 8-pin SOIC or space saving µ-SOP package
available
Optional 16-pin SOIC package available
Industrial temperature -40
℃ to +85℃ available, designated N
PIN DESCRIPTION
-Pushbutton Reset Input
TD
-Time Delay Set
TOL
-Selects 5% or 10% Vcc Detect
GND
-Ground
RST
-Reset Output (Active High)
-Reset Output (Active Low, open drain)
-Strobe Input
Vcc
-+5 Volt Power
PIN ASSIGNMENT
DS1232LP 8-Pin DIP (300-mil)
See Mech. Drawings Section
DS1232LPS 16-Pin SOIC (300-mil)
See Mech. Drawings Section
DS1232LPµ(118-mil µ-SOP)
See Mech. Drawings Section
DS1232LPS-2 8-Pin SOIC (150-mil)
See Mech. Drawings Section
DESCRIPTION
The DS1232LP/LPS Low Power MicroMonitor Chip monitors three vital conditions for a microprocessor: power supply, software
execution, and external over-ride. First, a precision temperature-compensated reference and comparator circuit monitors the status of
Vcc. When an out-of-tolerance condition occurs, an internal power-fail signal is generated which forces reset to the active state. When
Vcc returns to an in-tolerance condition, the reset signals are kept in the active state for a minimum of 250ms to allow the power supply
and processor to stabilize.
The second function the DS1232LP/LPS performs is pushbutton reset control. The DS1232LP/LPS debounces the pushbutton input
and guarantees an active reset pulse width of 250 ms minimum. The third function is a watchdog timer. The DS1232LP/LPS has an
internal timer that forces the reset signals to the active state if the strobe input is not driven low prior to timeout. The watchdog timer
function can be set to operate on timeout setting of approximately 150ms, 600ms, and 1.2 seconds.


Similar Part No. - DS1232LP

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1232LP DALLAS-DS1232LP Datasheet
61Kb / 7P
Low Power MicroMonitor Chip
DS1232LP DALLAS-DS1232LP Datasheet
104Kb / 7P
Low Power MicroMonitor Chip
logo
Maxim Integrated Produc...
DS1232LP MAXIM-DS1232LP Datasheet
104Kb / 7P
Low Power MicroMonitor Chip
111899
logo
SYC Electronica
DS1232LP SYC-DS1232LP Datasheet
131Kb / 7P
Low Power MicroMonitor Chip
logo
Dallas Semiconductor
DS1232LPS DALLAS-DS1232LPS Datasheet
61Kb / 7P
Low Power MicroMonitor Chip
More results

Similar Description - DS1232LP

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1232 DALLAS-DS1232 Datasheet
96Kb / 7P
MicroMonitor Chip
DS1232LP DALLAS-DS1232LP Datasheet
61Kb / 7P
Low Power MicroMonitor Chip
logo
Integral Corp.
IN1232 INTEGRAL-IN1232 Datasheet
122Kb / 6P
MICROMONITOR CHIP
logo
Maxim Integrated Produc...
DS1831A MAXIM-DS1831A Datasheet
200Kb / 14P
Multisupply Micromonitor
060303
DS1705 MAXIM-DS1705 Datasheet
269Kb / 12P
3.3V and 5.0V MicroMonitor
Rev 4/10
DS1832S MAXIM-DS1832S Datasheet
116Kb / 7P
3.3-Volt MicroMonitor Chip
112099
logo
Dallas Semiconductor
DS1232LPU DALLAS-DS1232LPU Datasheet
104Kb / 7P
Low Power MicroMonitor Chip
logo
Maxim Integrated Produc...
DS1832 MAXIM-DS1832 Datasheet
116Kb / 7P
3.3-Volt MicroMonitor Chip
112099
DS1232LP MAXIM-DS1232LP Datasheet
104Kb / 7P
Low Power MicroMonitor Chip
111899
DS1232 MAXIM-DS1232 Datasheet
138Kb / 7P
MicroMonitor Chip
111899
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com