Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1232LP Datasheet(PDF) 6 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # DS1232LP
Description  Low Power MicroMonitor Chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

DS1232LP Datasheet(HTML) 6 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  DS1232LP Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1232LP Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1232LP Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1232LP Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1232LP Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1232LP Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1232LP Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DS1232LP/LPS
Low Power MicroMonitor Chip
www.artschip.com
6
CAPACITANCE
(tA=25℃)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5
pF
Output Capacitance
COUT
7
pF
AC ELECTRICAL CHARACTERISTICS
(0
℃ to 70℃; Vcc =5V ±10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
=VIL
tPB
20
ms
RESET Active Time
tRST
250
610
1000
ms
Pulse Width
tST
20
ns
6,9
Vcc Fail Detect to RST and
tRPD
50
175
µs
Vcc Slew Rate 4.75 V to 4.25 V
tF
300
µs
Vcc Detect to RST and
Inactive
tRPU
250
610
1000
ms
4
Vcc Slew Rate 4.25V to 4.75V
tR
0
ns
Stable Low to
and RST
tPDLY
20
ms
NOTES:
1.
All voltages referenced to ground.
2.
Measured with outputs open and
and
within 0.5V of supply rails.
3.
is internally pulled up to Vcc with an internal impedance of 40k typical.
4.
tR=5 µs.
5.
is an open-drain output.
6.
Must not exceed tTD minimum. See Table 1.
7.
RST remains within 0.5V of Vcc on power-down until Vcc drops below 2.0V.
remains within 0.5V of GND on power-down until
Vcc drops below 2.0V.
8.
Measured with outputs open and
and
at TTL levels.
9.
Watchdog can not be disabled. It must be strobed to avoid resets.
MARKING INFORMATION:
8-pin DIP – “DS1232L”
16-pin SOIC – “DS1232L”
8-pin SOIC – “DS1232L”
8-pin µ-SOP – “1232”



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com