Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS-40310 Datasheet(PDF) 3 Page - TDK Electronics

Part # ICS-40310
Description  Ultra-low Current, Low-Noise Microphone with Analog Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ICS-40310 Datasheet(HTML) 3 Page - TDK Electronics

  ICS-40310 Datasheet HTML 1Page - TDK Electronics ICS-40310 Datasheet HTML 2Page - TDK Electronics ICS-40310 Datasheet HTML 3Page - TDK Electronics ICS-40310 Datasheet HTML 4Page - TDK Electronics ICS-40310 Datasheet HTML 5Page - TDK Electronics ICS-40310 Datasheet HTML 6Page - TDK Electronics ICS-40310 Datasheet HTML 7Page - TDK Electronics ICS-40310 Datasheet HTML 8Page - TDK Electronics ICS-40310 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ICS-40310
SPECIFICATIONS
TABLE 1. ELECTRICAL CHARACTERISTICS
(TA = 0 to 70°C, VDD = 0.9 to 1.3 V, unless otherwise noted. All minimum and maximum specifications are guaranteed across
temperature and voltage and are specified in Table 1, unless otherwise noted. Typical specifications are not guaranteed.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
PERFORMANCE
Directionality
Omni
Sensitivity
1 kHz, 94 dB SPL
−40
−37
−34
dBV
Signal-to-Noise Ratio (SNR)
20 Hz to 20 kHz, A-weighted
64
dBA
Equivalent Input Noise (EIN)
20 Hz to 20 kHz, A-weighted
30
dBA SPL
Dynamic Range
Derived from EIN and maximum
acoustic input
82
dB
Frequency Response
Low frequency
−3 dB point
90
Hz
1
High frequency
−3 dB point
16
kHz
Total Harmonic Distortion (THD)
105 dB SPL
1.3
2.5
%
Power Supply Rejection (PSR)
217 Hz, 100 mVp-p square wave
superimposed on VDD = 1.0 V (A-
weighted)
-81
dBV
Power-Supply Rejection Ratio (PSRR)
1 kHz, 100 mVp-p sine wave
superimposed on VDD
−53
dB
Acoustic Overload Point
10% THD
112
dB SPL
POWER SUPPLY
Supply Voltage (VDD)
0.9
1.3
V
Supply Current (IS)
VDD = 0.9 V
16
23
µA
VDD = 1.3 V
19.5
25
µA
OUTPUT CHARACTERISTICS
Output Impedance
2.9
4.5
10.5
k
Ω
Output DC Offset Voltage
500
570
650
mV
Startup Time
Output to within 0.2 dB of final
sensitivity
0.8
sec
Output Current Limit
25
μA
Maximum Output Voltage
112 dB SPL input, RMS
112
mV
Noise Floor
20 Hz to 20 kHz, A-weighted, RMS
−101
dBV
Note 1: See Figure 3 and Figure 4.
Page 3 of 14
Document Number: DS-ICS-40310-00
Revision: 1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com