Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS-40310 Datasheet(PDF) 8 Page - TDK Electronics

Part # ICS-40310
Description  Ultra-low Current, Low-Noise Microphone with Analog Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ICS-40310 Datasheet(HTML) 8 Page - TDK Electronics

Back Button ICS-40310 Datasheet HTML 4Page - TDK Electronics ICS-40310 Datasheet HTML 5Page - TDK Electronics ICS-40310 Datasheet HTML 6Page - TDK Electronics ICS-40310 Datasheet HTML 7Page - TDK Electronics ICS-40310 Datasheet HTML 8Page - TDK Electronics ICS-40310 Datasheet HTML 9Page - TDK Electronics ICS-40310 Datasheet HTML 10Page - TDK Electronics ICS-40310 Datasheet HTML 11Page - TDK Electronics ICS-40310 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ICS-40310
APPLICATIONS INFORMATION
OUTPUT IMPEDANCE CONSIDERATION
The ICS-
40310 has an output impedance of 4.5 kΩ, which is significantly higher than the impedance of many other MEMS
microphones. This higher output impedance enables the microphone to operate with a very low supply current, but also needs to be
considered in the design of the signal chain following the microphone. The input impedance of the device to which the microphone’s
output is connected should be much higher than 4.5 kΩ to ensure no loss of signal amplitude through the signal chain. A minimum
input impedance of 47
kΩ is recommended for the device connected to the ICS-40310’s output. An input with this impedance will
reduce the microphone’s output signal level by only 0.8 dB.
CODEC AND AMPLIFIER CONNECTIONS
The ICS-40310 output can be connected to a dedicated codec microphone input (see Figure 8), or to a high input impedance gain
stage (see Figure 9). A 0.1 µF ceramic capacitor placed close to the ICS-40310 supply pin is used for testing and is recommended to
adequately decouple the microphone from noise on the power supply. An AC-coupling capacitor is required at the output of the
microphone. This capacitor creates a high-pass filter with a corner frequency at
fC = 1/(2π × C × R)
where R is the input impedance of the codec or amplifier.
A codec input connected to the ICS-40310’s output should be high impedance, as described above in the Output Impedance
Consideration section. The size of the AC-coupling capacitor should be chosen such that the high-pass filter that it forms at the
codec’s input does not affect the microphone’s low frequency performance. For high-impedance (>47
kΩ) inputs, a 100 nF or larger
AC-coupling capacitor will be sufficient. See Figure 8 for a schematic of this connection.
Figure 9 shows the ICS-40310 connected to an op amp configured as a noninverting preamplifier.
Figure 8. ICS-40310 Connected to an ADC or Codec
Figure 9. ICS-40310 Connected to an Op Amp
ADC
OR
CODEC
ICS-40310
GND
OUTPUT
INPUT
MICBIAS
0.1 µF
MINIMUM
0.1 µF
VDD
GAIN = (R1 + R2)/R1
ICS-40310
GND
OUTPUT
0.1 µF
MINIMUM
0.1 µF
47 k
Ω
R1
R2
VDD
VREF
VOUT
VREF
AMP
0.9-1.3 V
Page 8 of 14
Document Number: DS-ICS-40310-00
Revision: 1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com