Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS-40310 Datasheet(PDF) 10 Page - TDK Electronics

Part # ICS-40310
Description  Ultra-low Current, Low-Noise Microphone with Analog Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ICS-40310 Datasheet(HTML) 10 Page - TDK Electronics

Back Button ICS-40310 Datasheet HTML 6Page - TDK Electronics ICS-40310 Datasheet HTML 7Page - TDK Electronics ICS-40310 Datasheet HTML 8Page - TDK Electronics ICS-40310 Datasheet HTML 9Page - TDK Electronics ICS-40310 Datasheet HTML 10Page - TDK Electronics ICS-40310 Datasheet HTML 11Page - TDK Electronics ICS-40310 Datasheet HTML 12Page - TDK Electronics ICS-40310 Datasheet HTML 13Page - TDK Electronics ICS-40310 Datasheet HTML 14Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ICS-40310
PCB DESIGN AND LAND PATTERN LAYOUT
It is recommended that the PCB land pattern for the ICS-40310 be laid out to a 1:1 ratio to the solder pads on the microphone
package, as shown in Figure 10. Take care to avoid applying solder paste to the sound hole in the PCB. A suggested solder paste stencil
pattern layout is shown in Figure 11. The diameter of the sound hole in the PCB should be larger than the diameter of the sound port
of the microphone. A minimum diameter of 0.5 mm is recommended.
Figure 10. PCB Land Pattern Layout (Dimensions shown in millimeters)
Figure 11. Suggested Solder Paste Stencil Pattern Layout (Dimensions shown in millimeters)
PCB MATERIAL AND THICKNESS
The performance of the ICS-40130 is not affected by PCB thickness. The ICS-40310 can be mounted on either a rigid or flexible PCB.
A flexible PCB with the microphone can be attached directly to the device housing with an adhesive layer. This mounting method
offers a reliable seal around the sound port while providing the shortest acoustic path for good sound quality.
Ø1.55
Ø0.95
1.52
0.90
1.90
1.22
0.68
0.61
0.61
0.61
0.225
Ø1.55
Ø1.05
45° TYP
45° TYP
0.6
0.61
0.6
0.8
0.8
1.22
1.52
Page 10 of 14
Document Number: DS-ICS-40310-00
Revision: 1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com