Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS-40310 Datasheet(PDF) 1 Page - TDK Electronics

Part # ICS-40310
Description  Ultra-low Current, Low-Noise Microphone with Analog Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ICS-40310 Datasheet(HTML) 1 Page - TDK Electronics

  ICS-40310 Datasheet HTML 1Page - TDK Electronics ICS-40310 Datasheet HTML 2Page - TDK Electronics ICS-40310 Datasheet HTML 3Page - TDK Electronics ICS-40310 Datasheet HTML 4Page - TDK Electronics ICS-40310 Datasheet HTML 5Page - TDK Electronics ICS-40310 Datasheet HTML 6Page - TDK Electronics ICS-40310 Datasheet HTML 7Page - TDK Electronics ICS-40310 Datasheet HTML 8Page - TDK Electronics ICS-40310 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ICS-40310
Ultra-low Current, Low-Noise Microphone with Analog Output
GENERAL DESCRIPTION
The ICS-40310* is a high-performance MEMS microphone
with a combination of very low power consumption, high SNR,
and a tiny package. Running from a 1 V supply, the ICS-40310
consumes only 16 µA of current while providing a 64 dB SNR
with an analog 4.5
kΩ impedance output. These features,
combined with the benefits of MEMS technology, reflow
solder compatibility, and a highly stable response over time
and temperature, make the ICS-40310 an ideal microphone
choice for always-on power-sensitive mobile devices.
The ICS-40310 is pin-compatible with the INMP504 and
INMP510.
*Protected by U.S. Patents 7,449,356; 7,825,484; 7,885,423; and 7,961,897.
Other patents are pending.
APPLICATIONS
•
Dedicated “AlwaysOn” Microphone
•
Smartphones
•
Wearable Computing Devices
•
Tablet Computers
•
Bluetooth Headsets
FEATURES
•
Low Current Consumption: 16 µA
•
Small Surface-Mount Package: 3.35 × 2.5 × 0.98 mm
•
High SNR of 64 dBA
•
Sensitivity of −37 dBV
•
0.9 V to 1.3 V Supply
•
Single-Ended Analog Output
•
Compatible with Sn/Pb and Pb-Free Solder Processes
•
RoHS/WEEE Compliant
FUNCTIONAL BLOCK DIAGRAM
ORDERING INFORMATION
PART
TEMP RANGE
PACKAGING
ICS-40310
0°C to +70°C
13” Tape and Reel
EV_ICS-40310-FX
—
OUTPUT
AMPLIFIER
ICS-40310
POWER
VDD
GND
OUTPUT
TOP VIEW
BOTTOM VIEW
InvenSense reserves the right to change the detail
specifications as may be required to permit improvements
in the design of its products.
InvenSense Inc.
1745 Technology Drive, San Jose, CA 95110 U.S.A
+1(408) 988–7339
www.invensense.com
Document Number: DS-ICS-40310-00
Revision: 1.2
Rev Date: 10/27/2014


Similar Part No. - ICS-40310

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ICS-40310 TDK-ICS-40310 Datasheet
337Kb / 4P
Analog Output MEMS Microphone Flex Evaluation Board User Guide
More results

Similar Description - ICS-40310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS-40720 ETC2-ICS-40720 Datasheet
888Kb / 16P
Ultra?륧ow Noise Microphone with Differential Output
logo
TDK Electronics
ICS-40180 TDK-ICS-40180 Datasheet
407Kb / 14P
Hardened, Low-Noise Microphone with Bottom Port and Analog Output
ICS-40181 TDK-ICS-40181 Datasheet
405Kb / 14P
RF-Hardened, Low-Noise Microphone with Top Port and Analog Output
ICS-40212 TDK-ICS-40212 Datasheet
312Kb / 16P
Analog Microphone with Low Power Mode
ICS-40720 TDK-ICS-40720 Datasheet
296Kb / 16P
Ultra?륧ow Noise Microphone with Differential Output
ICS-52000 TDK-ICS-52000 Datasheet
422Kb / 20P
Low-Noise Microphone with TDM Digital Output
INMP504 TDK-INMP504 Datasheet
395Kb / 13P
Ultra-Low Noise Microphone with Bottom Port and Analog Output
INMP510 TDK-INMP510 Datasheet
427Kb / 13P
RF-Hardened, Ultra-Low Noise Microphone with Bottom Port and Analog Output
INMP521 TDK-INMP521 Datasheet
466Kb / 20P
Ultra-Low Noise Microphone with Bottom Port and PDM Digital Output
INMP522 TDK-INMP522 Datasheet
473Kb / 21P
Ultra-Low Noise, Low Sensitivity Tolerance, PDM Digital Microphone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com