Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6688 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV6688
Description  Video Switch Matrix for TV Applications with S Terminal
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6688 Datasheet(HTML) 2 Page - STMicroelectronics

  STV6688 Datasheet HTML 1Page - STMicroelectronics STV6688 Datasheet HTML 2Page - STMicroelectronics STV6688 Datasheet HTML 3Page - STMicroelectronics STV6688 Datasheet HTML 4Page - STMicroelectronics STV6688 Datasheet HTML 5Page - STMicroelectronics STV6688 Datasheet HTML 6Page - STMicroelectronics STV6688 Datasheet HTML 7Page - STMicroelectronics STV6688 Datasheet HTML 8Page - STMicroelectronics STV6688 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Functional Description
STV6688
2/12
1
Functional Description
Table 1: Pin List
Pin
Symbol
Description
Pin
Symbol
Description
1
Y/CVBS_IN1
Y or CVBS Signal of Ext. Input 1
11
SCL
Serial Clock Line Input
2
C_IN1
C Signal of Ext. Input 1
12
GND
Digital Parts Ground
3
VCC_V
Video Switch Power Supply
13
C_OUT
C Signal Output
4
Y/CVBS_IN2
Y or CVBS Signal of Ext. Input 2
14
Y/CVBS_OUT
Y/CVBS Output
5
C_IN2
C Signal of Ext. Input 2
15
GND_B
Buffer Ground
6
GND_V
Video Switch Ground
16
CVBS_OUT
Y and C Adder Output
7
Y/CVBS_IN3
Y or CVBS Signal of Ext. Input 3
17
VCC B
Buffer Power Supply
8
C_IN3
C Signal of Ext. Input 3
18
C_IN_TV
C Signal of TV Input
9
VDD
Digital Parts Power Supply
19
Y/CVBS_IN_TV
Y or CVBS Signal of TV Input
10
SDA
Serial Data Line Input
20
DEC
Decoupling
Figure 1: STV6688 Block Diagram
+
6dB
Buffer
I²C Bus Decoder
Y/CVBS_IN1
Y/CVBS_IN2
Y/CVBS_IN3
C_IN TV
C_IN1
C_IN2
C_IN3
VDD
GND
SDA
SCL
GND B
GND V
DEC
VCC V
VCC B
C_OUT
CVBS_OUT
Power
Video
Power
Buffer
Supply
Supply
0dB
Y/CVBS_IN TV
Y/CVBS_OUT
Mute
VREF
19
1
4
7
9
12
10
11
6
15
20
3
17
13
16
14
0dB
Clamp
Clamp
Clamp
Clamp
18
2
5
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com