Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6688 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV6688
Description  Video Switch Matrix for TV Applications with S Terminal
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6688 Datasheet(HTML) 5 Page - STMicroelectronics

  STV6688 Datasheet HTML 1Page - STMicroelectronics STV6688 Datasheet HTML 2Page - STMicroelectronics STV6688 Datasheet HTML 3Page - STMicroelectronics STV6688 Datasheet HTML 4Page - STMicroelectronics STV6688 Datasheet HTML 5Page - STMicroelectronics STV6688 Datasheet HTML 6Page - STMicroelectronics STV6688 Datasheet HTML 7Page - STMicroelectronics STV6688 Datasheet HTML 8Page - STMicroelectronics STV6688 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5/12
STV6688
Electrical Characteristics
GCM
Gain matching between C inputs
VIN =1 VPP
-0.5
0
+0.5
dB
CToYdel
Chroma to Luma delay, Y/C source
VPP @4.43 MHz
5
10
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com