Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6688 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV6688
Description  Video Switch Matrix for TV Applications with S Terminal
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6688 Datasheet(HTML) 4 Page - STMicroelectronics

  STV6688 Datasheet HTML 1Page - STMicroelectronics STV6688 Datasheet HTML 2Page - STMicroelectronics STV6688 Datasheet HTML 3Page - STMicroelectronics STV6688 Datasheet HTML 4Page - STMicroelectronics STV6688 Datasheet HTML 5Page - STMicroelectronics STV6688 Datasheet HTML 6Page - STMicroelectronics STV6688 Datasheet HTML 7Page - STMicroelectronics STV6688 Datasheet HTML 8Page - STMicroelectronics STV6688 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical Characteristics
STV6688
4/12
Note: 1 S/N = 20log (VOUT Black to White = 0.7 VPP/VNoise (mVRMS) weighted CCIR567).
2.3
Chroma Section
TAMB = 25°C, VCCV = VCCB = VDD =5V, RLoadYC =4.7 kΩ, RLoadCVBS =150 Ω, unless otherwise
specified.
Flatness
Spread of Gain in Video Band
(15 kHz-5 MHz)
Y/CVBS
Y/C Mixer (on CVBS_OUT)
VIN =1 VPP
VIN =1 VPP
±0.2
±0.5
±0.5
±1.0
dB
CTi
Crosstalk Isolation between
Y/CVBS Input Channels
VIN =1 VPP at f = 4.43 MHz, on
one point.
55
60
dB
CTo
Crosstalk Isolation of Y/CVBS from C
Channels
VIN =1 VPP at f = 4.43 MHz, on
one point.
50
55
dB
GYCVBS
Gain at Y/CVBS out @1 MHz
VIN =1 VPP
-0.5
0
+0.5
dB
GCVBS
Gain at CVBS out @1 MHz
VIN =1 VPP
5.566.5
dB
ROUTY
Y/CVBS Output Resistance
2.5
5.0
Ω
ROUTCVBS
CVBS Output Resistance
15
Ω
GYCVBSM
Gain matching between Y, CVBS
inputs
VIN =1 VPP
-0.5
0
+0.5
dB
DCOUTCVBS DC CVBS Output voltage
Bottom sync pulse
0.8
V
DCOUTY
DC Y Output voltage
Bottom sync pulse for Y
1.3
V
DPHI
Differential Phase
VIN =1 VPP at f = 4.43 MHz
1
3
deg
DG
Differential Gain
VIN =1 VPP at f = 4.43 MHz
15
%
LNL
Luminance non-linearity
0.6
3
%
VSN
Video S/N ratio
Refer to Note 1
65
dB
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDCIN
DC Input Level
3V
RIN
Input Resistance
30
50
k
Ω
CIN
Input Capacitance
2
pF
VIN
Max Input Signal
1.5
VPP
DYN
Dynamic Output Signal
1.5
VPP
CBW
Chroma Bandwidth
CIN= 1 VPP
10
12
MHz
CTi
Crosstalk Isolation between C Input
Channels
CIN =0. 5VPP at f = 4.43 MHz, on
one point.
55
60
dB
CTo
Crosstalk Isolation of C from Y
Channels
VIN =1 VPP at f = 4.43 MHz, on
one point.
50
55
dB
ROUT
Output Resistance
2.5
5.0
Ω
GOUTC
Gain at C_OUT @4.43 MHz
VIN =1 VPP
-0.5
0
+0.5
dB
DCOUTC
DC Output voltage
2.2
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com